Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM6071AFW Datasheet(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM6071AFW
Description  LCD Module User Manual
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM6071AFW Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM6071AFW Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM6071AFW Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM6071AFW Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM6071AFW Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM6071AFW Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM6071AFW Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM6071AFW Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM6071AFW Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM6071AFW Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TOPWAY
LCD Module User Manual
LM6071AFW
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM6071AFW-Manual-Rev0.2
Page: 4 of 9
2. Terminal Functions
PIN
NO.
PIN
Name
I/O
Descriptions
Serial mode
1
/CS1
Input
Chip Select
/CS1=L, enable access to the LCD module
/CS1=H, disable access to the LCD module
2
/RES
Input
Reset signal
/RES = L, Initialization is executed
/RES = H, Normal running.
3
A0
Input
Register Select
A0 = H, Transferring the Display Data
A0 = L, Transferring the Control Data
4
SCLK
I/O
Serial clock input
5
VDD
Supply
Positive power supply
6
VSS
Supply
Negative power supply,0V
7
SID
I/O
Serial data input
8
BLA
Power
Backlight Negative Supply
Absolute Maximum Ratings
Items
Symbol
Min.
Max.
Unit
Condition
Supply Voltage
VDD
-0.3
+3.6
V
VSS = 0V
Input Voltage
VIN
-0.2
VDD+0.2
V
VSS = 0V
Operating Temperature
TOP
-20
+70
C
No Condensation
Storage Temperature
TST
-30
+80
C
No Condensation
Cautions:
Any Stresses exceeding the Absolute Maximum Ratings may cause substantial damage to the device. Functional
operation of this device at other conditions beyond those listed in the specification is not implied and prolonged exposure
to extreme conditions may affect device reliability.
3. Electrical Characteristics
3.1
DC Characteristics
VSS=0V, VDD=3.3V, TOP=25C
Items
Symbol
MIN.
TYP.
MAX.
Unit
Condition /
Application Pin
Operating Voltage
VDD
3.0
3.3
3.6
V
VDD
Input High Voltage
VIH
0.85xVDD
-
VDD
V
/RES, /CS1, A0,
SCLK,SID
Input Low Voltage
VIL
VSS
-
0.15xVDD
V
Operating Current
IDD
-
0.2
2.6
mA
VDD
3.2
LED Backlight Circuit Characteristics
VDD=3.3V, IfVLED-=85mA, TOP=25C
Items
Symbol
MIN.
TYP.
MAX.
Unit
Applicable Pin
Forward Voltage
VfVLED-
-
3.3
-
V
BLA
Forward Current
IfVLED-
-
85
110
mA
BLA
BLK
BLA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com