Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM6071CFW Datasheet(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM6071CFW
Description  LCD Module User Manual
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM6071CFW Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM6071CFW Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM6071CFW Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM6071CFW Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM6071CFW Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM6071CFW Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM6071CFW Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM6071CFW Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM6071CFW Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM6071CFW Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TOPWAY
LCD Module User Manual
LM6071CFW
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM6071CFW-Manual-Rev0.2.DOC
Page: 4 of 11
1.4
Terminal Functions
Descriptions
Parallel mode
PIN
NO.
PIN
Name
I/O
80 mode <default>
68 mode
Serial mode
1
DB7
(SID)
I/O
(Input)
Serial Data Input
2
DB6
(SCLK)
I/O
(Input)
Serial Clock Input
:
:
:
8
DB0
I/O
8-bit bi-directional data bus
9
/RD(E)
Input
Read enable input,
active LOW
10
/WR(R/W)
Input
Write enable input,
active LOW
In read mode
R/W = H;
Data read form
the LCD module,
data appears at
DB0 – DB7 and
can be read by
the host
while, E = H and
the device is
being selected
In write mode
R/W = L;
Data write to the
LCD module,
data appears at
DB0 – DB7 will be
written into the
LCD module
at E = H L and
device is being
selected
Not used, pull high
or low
11
A0
Input
Register Select
A0 = H, Transferring the Display Data
A0 = L, Transferring the Control Data
12
NC
-
No connection (leave open)
13
VDD
Power
Positive power supply
14
VSS
Power
Negative power supply,0V
15
/CS1
Input
Chip Select
/CS1=L, enable access to the LCD module
/CS1=H, disable access to the LCD module
16
NC
-
No connection (leave open)
17
NC
-
No connection (leave open)
18
/RES
Input
Reset signal
/RES = L, Initialization is executed
/RES = H, Normal running.
19
BLA
Power
Positive Power Supply for LED backlight
20
BLK
Power
Negative Power Supply for LED backlight



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com