Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD72012 Datasheet(PDF) 10 Page - NEC

Part # UPD72012
Description  HUB CONTROLLER FOR UNIVERSAL SERIAL BUS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72012 Datasheet(HTML) 10 Page - NEC

Back Button UPD72012 Datasheet HTML 6Page - NEC UPD72012 Datasheet HTML 7Page - NEC UPD72012 Datasheet HTML 8Page - NEC UPD72012 Datasheet HTML 9Page - NEC UPD72012 Datasheet HTML 10Page - NEC UPD72012 Datasheet HTML 11Page - NEC UPD72012 Datasheet HTML 12Page - NEC UPD72012 Datasheet HTML 13Page - NEC UPD72012 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
10
Data Sheet S13918EJ3V0DS
µPD72012
1.2 Tables by Pin Function
Table 1-1. Oscillator Circuit Switching Control (CLKSEL)
CLKSEL
Type of oscillator circuit
L
Input clocks from 48 MHz oscillator
H
Clock input using 4 MHz crystal resonator (drive circuit is incorporated)
Remark
Directly connect to VDD when using CLKSEL=“H”. Even 5 V is no trouble.
Table 1-2. Power Mode/Downstream Port Number Control (PSSEL, PVSEL)
PSSEL
PVSEL
Power mode
Port #1
Port #2
Port #3
Port #4
Port #5
L
L
Self-power
Note 1
×
L
H
Self-power
Note 1
H
L
Bus power
Note 2
×
H
H
Prohibited
Note 3
––
Notes 1.
Do not cut-off clock input when using self-power. If it is cut-off, internal functions stop and operation
may not be possible even if clocks are input again.
2.
When using bus power, up to four ports can be used.
3.
The combination PSSEL=“H”, PVSEL=“H” is prohibited. Operation in this case is not guaranteed.
Remark
Also set according to this table when setting the number of ports in a Mask ROM code product to up to
5 ports. Directly connect data lines of unused ports to GND.
Table 1-3. Handling of Pins CS1 to CS5 According to Setting of wHubCharacteristics Field of HUB Class
Descriptor
wHubCharacteristics
Bits 4, 3
CS1
CS2
CS3
CS4
CS5
0b00
Common in all ports
0b01
Port #1
Port #2
Port #3
Port #4
Port #5
0b10 or 0b11
Not available
Not available
Not available
Not available
Not available
Remark
Connect pins CS1 to CS5 to the Over Current Detect output pin of the power switch IC.
Clamp an unused or unavailable CS1 to CS5 pin to 3.3 V.
Table 1-4. Handling of Pins PP1 to PP5 According to Setting of wHubCharacteristics Field of HUB Class
Descriptor
wHubCharacteristics
Bits 1, 0
PP1
PP2
PP3
PP4
PP5
0b00
Common in all ports
0b01
Port #1
Port #2
Port #3
Port #4
Port #5
Remark
Connect pins PP1 to PP5 to the Port Power Control input pin of the power switch IC.
Leave an unused or unavailable PP1 to PP5 pin open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com