Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS6C1008L Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS6C1008L
Description  128k x 8 BIT SUPER LOW POWER CMOS SRAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C1008L Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS6C1008L Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6C1008L Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6C1008L Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6C1008L Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C1008L Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C1008L Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C1008L Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C1008L Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C1008L Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
FEATURES
Fast access time : 55ns
Low power consumption:
Operating current : 10mA (TYP.)
Standby current : 1µA (TYP.)
Single 2.7V ~ 5.5V power supply
All outputs TTL compatible
Fully static operation
Tri-state output
Data retention voltage : 1.5V (MIN.)
Lead freeandgreenpackageavailable
Package : 32-pin 450 mil SOP
32-pin 600 mil P-DIP
32-pin 8mm x 20mm TSOP-I
32-pin 8mm x 13.4mm STSOP
36-ball 6mm x 8mm TFBGA
GENERAL DESCRIPTION
The AS6C1008
L is a 1,048,576-bit low power
CMOS static random access memory organized as
131,072 words by 8 bits. It is fabricated using very
high performance, high reliability CMOS technology.
Its standby current is stable within the range of
operating temperature.
The AS6C1008
L is well designed for very low power
system applications, and particularly well suited for
battery back-up nonvolatile memory application.
The AS6C1008-55 operates from a single power
supply of 2.7V ~ 5.5V and all inputs and outputs are
fully TTL compatible
PRODUCT FAMILY
Product Family
Operating Temperature
Vcc Range
Speed
AS6C1008
L
-40 ~ 85℃
2.7 ~ 5.5V
55ns
FUNCTIONAL BLOCK DIAGRAM
DECODER
I/O DATA
CIRCUIT
CONTROL
CIRCUIT
128Kx8
MEMORY ARRAY
COLUMN I/O
A0-A16
Vcc
Vss
DQ0-DQ7
CE#
WE#
OE#
CE2
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0 - A16
Address Inputs
DQ0 – DQ7
Data Inputs/Outputs
CE#, CE2
Chip Enable Inputs
WE#
Write Enable Input
OE#
Output Enable Input
VCC
Power Supply
VSS
Ground
NC
No Connection
AS6C1008L
Confidential
- 2/15 -
Rev.2.a April 2016
128k x 8 BIT SUPER LOW POWER CMOS SRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com