Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDR01F40 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FDR01F40
Description  Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 0.1A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR01F40 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FDR01F40 Datasheet HTML 1Page - First Silicon Co., Ltd FDR01F40 Datasheet HTML 2Page - First Silicon Co., Ltd FDR01F40 Datasheet HTML 3Page - First Silicon Co., Ltd FDR01F40 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2014. 04. 03
3/4
Revision No : 0
dimension:
DSN-0201
FDR01F20~FDR01F40
Suggested solder pad layout
Dimensions in inches and (millimeters)
MIN
MAX
MIN
MAX
A
0.57
0.63
0.022
0.025
B
0.27
0.33
0.011
0.013
C
0.5
0.55
0.020
0.022
D
0.12
0.18
0.005
0.007
E
0.12
0.18
0.005
0.007
F
0.22
0.28
0.009
0.011
Pole high
6.5um
7.5um
chip thick.
0.24
0.3
0.009
0.012
MILLIMETERS
INCHES
DIM
A
C
B
D
PACKAGE
A
B
C
D
0201
0.012(0.3)
0.011(0.28)
0.011(0.28)
0.030(0.75)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com