Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTMP6131DECTQ1 Datasheet(PDF) 1 Page - Texas Instruments

Part # PTMP6131DECTQ1
Description  TMP61-Q1 Automotive Grade, 10 k廓 Linear Thermistor With Small 0402 and Grade 0 Package Options
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTMP6131DECTQ1 Datasheet(HTML) 1 Page - Texas Instruments

  PTMP6131DECTQ1 Datasheet HTML 1Page - Texas Instruments PTMP6131DECTQ1 Datasheet HTML 2Page - Texas Instruments PTMP6131DECTQ1 Datasheet HTML 3Page - Texas Instruments PTMP6131DECTQ1 Datasheet HTML 4Page - Texas Instruments PTMP6131DECTQ1 Datasheet HTML 5Page - Texas Instruments PTMP6131DECTQ1 Datasheet HTML 6Page - Texas Instruments PTMP6131DECTQ1 Datasheet HTML 7Page - Texas Instruments PTMP6131DECTQ1 Datasheet HTML 8Page - Texas Instruments PTMP6131DECTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
VTemp = VBias X RTMP61
RBias + RTMP61
VTemp = IBias X RTMP61
VBias
RBias
RTMP61
+
VTEMP
-
IBias
+
VTEMP
-
RTMP61
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
160
5
10
15
20
25
d001
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TMP61-Q1
SNIS210B – APRIL 2019 – REVISED SEPTEMBER 2019
TMP61-Q1 Automotive Grade, 10 k
Ω Linear Thermistor With Small 0402 and Grade 0
Package Options
1
1 Features
1
•
AEC-Q100 qualified for automotive applications
•
Temperature options:
–
TMP61QDEC Grade 1: –40°C to +125°C, TA
–
TMP61QLPG Grade 1: –40°C to +125°C, TA
–
TMP61ELPG Grade 0: –40°C to +150°C, TA
•
Silicon-based thermistor with a
Positive Temperature Coefficient (PTC)
•
Linear resistance change across with temperature
compared to non-linear thermistors
–
Simplifies resistance-to-temperature
conversion methods
–
Reduces look up table memory requirements
–
Eliminates the need for linearization circuitry or
multipoint calibration
–
Decreases the accuracy spread across a wide
temperature range
•
10-k
Ω nominal resistance at 25°C (R25)
–
±1% maximum (0°C to 70°C)
•
Consistent sensitivity across temperature
–
6400 ppm/°C TCR (25°C)
–
0.2% typical TCR tolerance across
temperature (–40°C to 125°C)
•
Fast thermal response time:
–
0.6 second for DEC package
•
Long lifetime and robust performance
–
Ultra low power consumption compared to
traditional NTCs that lower errors due to self
heating
–
Built-in fail-safe in case of short-circuit failures
–
<1% maximum drift after high temperature and
high humidity stress tests
•
Available package options:
–
X1SON (DEC/0402 footprint)
–
TO-92S (LPG)
2 Applications
•
HEV/EV
–
On-board (OBC) and wireless chargers
–
DC/DC converters
–
Battery Management Systems
•
Automotive infotainment & cluster
–
Automotive head unit
–
Automotive external amplifier
–
Automotive cluster display
•
Automotive display module
•
Automotive lighting
–
Headlights
–
Interior lights
3 Description
The TMP61-Q1 small silicon linear thermistors are
designed for temperature measurement, protection,
compensation, and control systems. Compared to
traditional NTC thermistors, the TMP61-Q1 device
offers enhanced linearity and consistent sensitivity
across the full temperature range. The TMP61-Q1
offers robust performance due to device immunity to
environmental
variation
and
built-in
fail-safe
behaviors at high temperatures. This device is
currently available in a 2-pin, surface-mount, 0402
footprint-compatible X1SON package and a 2-pin,
through-hole, mini-sized transistor-outline TO-92S
package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMP61-Q1
X1SON (2)
0.60 mm × 1.00 mm
TO-92S (2)
4.00 mm × 3.15 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Implementation Circuits
Typical Resistances vs Ambient Temperature


Similar Part No. - PTMP6131DECTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTMP6131DECTQ1 TI1-PTMP6131DECTQ1 Datasheet
889Kb / 27P
Small Silicon-Based Linear Thermistor for Temperature Sensing
PTMP6131DECTQ1 TI1-PTMP6131DECTQ1 Datasheet
890Kb / 27P
Small Silicon-Based Linear Thermistor for Temperature Sensing
More results

Similar Description - PTMP6131DECTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP63 TI1-TMP63 Datasheet
621Kb / 20P
TMP63 100 k廓 Linear Thermistor With Small 0402 Package
TMP63-Q1 TI1-TMP63-Q1 Datasheet
675Kb / 21P
TMP63-Q1 100-k廓 Linear Thermistor With Small, 0402 Package Option
TMP61-Q1 TI1-TMP61-Q1_V03 Datasheet
1Mb / 33P
TMP61-Q1 Automotive Grade, 짹1% 10-k廓 Linear Thermistor With 0402 and 0603 Package Options
TMP63-Q1 TI1-TMP63-Q1_V01 Datasheet
676Kb / 22P
TMP63-Q1 100-k廓 Linear Thermistor With Small, 0402 Package Option
TMP63 TI1-TMP63_V02 Datasheet
1Mb / 28P
TMP63 짹1% 100-k廓 Linear Thermistor With 0402 and 0603 Package Options
TMP64-Q1 TI1-TMP64-Q1 Datasheet
653Kb / 22P
TMP64-Q1 짹1% 47-k廓 Linear Thermistor With 0402 Package
TMP63 TI1-TMP63_V03 Datasheet
1Mb / 28P
TMP63 짹1% 100-k廓 Linear Thermistor With 0402 and 0603 Package Options
TMP63-Q1 TI1-TMP63-Q1_V02 Datasheet
842Kb / 26P
TMP63-Q1 짹1% 100-k廓 Automotive Grade Linear Thermistor With 0402 and 0603 Package Options
TMP63-Q1 TI-TMP63-Q1_V03 Datasheet
1Mb / 26P
TMP63-Q1 짹1% 100-k廓 Automotive Grade Linear Thermistor With 0402 and 0603 Package Options
TMP64-Q1 TI-TMP64-Q1_V02 Datasheet
1Mb / 28P
TMP64-Q1 짹1% 47-k廓 Automotive Grade Linear Thermistor with 0402 and 0603 Package Options
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com