Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OB2269CP Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # OB2269CP
Description  Current Mode PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

OB2269CP Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  OB2269CP Datasheet HTML 1Page - Lite-On Technology Corporation OB2269CP Datasheet HTML 2Page - Lite-On Technology Corporation OB2269CP Datasheet HTML 3Page - Lite-On Technology Corporation OB2269CP Datasheet HTML 4Page - Lite-On Technology Corporation OB2269CP Datasheet HTML 5Page - Lite-On Technology Corporation OB2269CP Datasheet HTML 6Page - Lite-On Technology Corporation OB2269CP Datasheet HTML 7Page - Lite-On Technology Corporation OB2269CP Datasheet HTML 8Page - Lite-On Technology Corporation OB2269CP Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
©On-Bright Electronics
Confidential
A Liteon Semiconductor Company
- 3 -
V2.1
OB2268
OB2269
Current Mode PWM Controller
Marking Information
TERMINAL ASSIGNMENTS
Pin Num
Pin Name
I/O
Description
1
GND
P
Ground
2
FB
I
Feedback input pin. PWM duty cycle is determined by voltage level into this
pin and current-sense signal level at Pin 6.
3
VIN
I
Connected through a large value resistor to rectified line input for Start up
chip supply and line voltage sensing.
4
RI
I
Internal Oscillator frequency setting pin. A resistor connected between RI
and GND sets the PWM frequency.
5
RT
I
Temperature sensing input pin. Connected through a NTC resistor to GND.
Once the voltage of the RT pin drops below a fixed limit of 1.05V, PWM
output will be disabled.
6
SENSE
I
Current sense input pin. Connected to MOSFET current sensing resistor
node.
7
VDD
P
DC power supply pin.
8
GATE
O
Totem-pole gate drive output for power MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com