Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OB2358AP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OB2358AP
Description  Current Mode PWM Power Switch Freq Shuffling
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OB2358AP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OB2358AP Datasheet HTML 1Page - List of Unclassifed Manufacturers OB2358AP Datasheet HTML 2Page - List of Unclassifed Manufacturers OB2358AP Datasheet HTML 3Page - List of Unclassifed Manufacturers OB2358AP Datasheet HTML 4Page - List of Unclassifed Manufacturers OB2358AP Datasheet HTML 5Page - List of Unclassifed Manufacturers OB2358AP Datasheet HTML 6Page - List of Unclassifed Manufacturers OB2358AP Datasheet HTML 7Page - List of Unclassifed Manufacturers OB2358AP Datasheet HTML 8Page - List of Unclassifed Manufacturers OB2358AP Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
©On-Bright Electronics
Confidential
- 2 -
OB_DOC_DS_5800
OB2358
Current Mode PWM Power Switch
Freq Shuffling
GENERAL INFORMATION
Pin Configuration
The OB2358 is offered in DIP8 package as shown
below.
Ordering Information
Part Number
Description
OB2358AP
DIP8, Pb-free
Package Dissipation Rating
Package
R
θJA (℃/W)
DIP8
75
Note: Drain Pin Connected to 100mm2 PCB copper clad.
Absolute Maximum Ratings
Parameter
Value
Drain Voltage (off state)
-0.3V to BVdss
VDD Voltage
-0.3V to 30 V
VDD-G Input Voltage
-0.3V to 30 V
VDD Clamp Continuous
Current
10mA
FB Input Voltage
-0.3 to 7V
Sense Input Voltage
-0.3 to 7V
Min/Max Operating Junction
Temperature TJ
-20 to 150℃
Min/Max Storage Temperature
Tstg
-55 to 150℃
Lead Temperature (Soldering,
10secs)
260℃
Note: Stresses beyond those listed under “absolute maximum
ratings” may cause permanent damage to the device. These are
stress ratings only, functional operation of the device at these or
any other conditions beyond those indicated under “recommended
operating conditions” is not implied. Exposure to absolute
maximum-rated conditions for extended periods may affect device
reliability.
Marking Information



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com