Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF7936AS3851 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCF7936AS3851
Description  Security Transponder (HITAG2)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF7936AS3851 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCF7936AS3851 Datasheet HTML 17Page - NXP Semiconductors PCF7936AS3851 Datasheet HTML 18Page - NXP Semiconductors PCF7936AS3851 Datasheet HTML 19Page - NXP Semiconductors PCF7936AS3851 Datasheet HTML 20Page - NXP Semiconductors PCF7936AS3851 Datasheet HTML 21Page - NXP Semiconductors PCF7936AS3851 Datasheet HTML 22Page - NXP Semiconductors PCF7936AS3851 Datasheet HTML 23Page - NXP Semiconductors PCF7936AS3851 Datasheet HTML 24Page - NXP Semiconductors PCF7936AS3851 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
NXP Semiconductors
Product Specification
Security Transponder (HITAG2)
PCF7936AS
2010 May 04
21
CONFIDENTIAL
7.5 Read Only Modes
If the device is configured for one of three Read Only
modes, it will cyclically transmit data while operating in
READ ONLY state. The corresponding Read Only mode is
selected by the configuration bit MS1 and MS0, located in
the EEPROM, see section 7.1.4.
In Read Only mode, the data rate and coding is fixed as
specified and cannot be altered for the corresponding
mode. Data is transmitted until an LF Field Power-On
Reset terminates the READ ONLY state.
7.5.1
ISO 11784/5 (MS1 = 0, MS0 = 0)
If the Read Only mode ISO 11784/85 is selected, the
device cyclically transmits user page 4 to 7, see Figure 16.
The rate is fixed to 32 TO per bit (TBIT = 32 TO) and CDP
encoding is applied.
7.5.2
MIRO Mode (MS1 = 0, MS0 = 1)
If the Read Only mode MIRO is selected, the device
cyclically transmits user page 4 to 5, see Figure 17.
The rate is fixed to 64 TO per bit (TBIT = 64 TO) and
Manchester encoding is applied.
7.5.3
PCF7931/30/35 (MS1 = 1, MS0 = 0)
If the Read Only mode PCF7931/30/35 is selected, the
device cyclically transmits user page 4 to 7, while inserting
a PMC pattern, as known from the PIT transponder family
(PCF7931/30), see Figure 18.
However, the modified PMC pattern implemented for the
PCF7936AS does not fully comply with the one used for the
PIT family.
The rate is fixed to 64 TO per bit (TBIT = 64 TO) and CDP
encoding is applied.
SEND to
Transponder
RECEIVED from
Transponder
tWAIT,RO
bit 31 ............ bit 0
page 4
page 5
page 6
bit 31 ............ bit 0
bit 31 ............ bit 0
page 4
bit 31 ............ bit 0
bit 31 ............ bit 0
page 7
Figure 16. Sequence for ISO 11784/85 Read Only mode
SEND to
Transponder
RECEIVED from
Transponder
tWAIT,RO
page 4
page 5
page 4
bit 31 ............ bit 0
bit 31 ............ bit 0
bit 31 ............ bit 0
Figure 17. Sequence for MIRO Read Only mode
SEND to
Transponder
RECEIVED from
Transponder
tWAIT,RO
bit 31 ............ bit 0
page 4
page 5
page 6
bit 31 ............ bit 0
page 4
bit 31 ............ bit 0
bit 31 ............ bit 0
page 7
192 TO
64 TO
128 TO
modified PMC
bit 31 .....
Figure 18. Sequence for PCF7931/30/35 Read Only mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com