| Electronic Components Datasheet Search |
|
PCF7936AS3851C Datasheet(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF7936AS3851C Datasheet(HTML) 21 Page - NXP Semiconductors |
|
21 / 32 page ![]() NXP Semiconductors Product Specification Security Transponder (HITAG2) PCF7936AS 2010 May 04 21 CONFIDENTIAL 7.5 Read Only Modes If the device is configured for one of three Read Only modes, it will cyclically transmit data while operating in READ ONLY state. The corresponding Read Only mode is selected by the configuration bit MS1 and MS0, located in the EEPROM, see section 7.1.4. In Read Only mode, the data rate and coding is fixed as specified and cannot be altered for the corresponding mode. Data is transmitted until an LF Field Power-On Reset terminates the READ ONLY state. 7.5.1 ISO 11784/5 (MS1 = 0, MS0 = 0) If the Read Only mode ISO 11784/85 is selected, the device cyclically transmits user page 4 to 7, see Figure 16. The rate is fixed to 32 TO per bit (TBIT = 32 TO) and CDP encoding is applied. 7.5.2 MIRO Mode (MS1 = 0, MS0 = 1) If the Read Only mode MIRO is selected, the device cyclically transmits user page 4 to 5, see Figure 17. The rate is fixed to 64 TO per bit (TBIT = 64 TO) and Manchester encoding is applied. 7.5.3 PCF7931/30/35 (MS1 = 1, MS0 = 0) If the Read Only mode PCF7931/30/35 is selected, the device cyclically transmits user page 4 to 7, while inserting a PMC pattern, as known from the PIT transponder family (PCF7931/30), see Figure 18. However, the modified PMC pattern implemented for the PCF7936AS does not fully comply with the one used for the PIT family. The rate is fixed to 64 TO per bit (TBIT = 64 TO) and CDP encoding is applied. SEND to Transponder RECEIVED from Transponder tWAIT,RO bit 31 ............ bit 0 page 4 page 5 page 6 bit 31 ............ bit 0 bit 31 ............ bit 0 page 4 bit 31 ............ bit 0 bit 31 ............ bit 0 page 7 Figure 16. Sequence for ISO 11784/85 Read Only mode SEND to Transponder RECEIVED from Transponder tWAIT,RO page 4 page 5 page 4 bit 31 ............ bit 0 bit 31 ............ bit 0 bit 31 ............ bit 0 Figure 17. Sequence for MIRO Read Only mode SEND to Transponder RECEIVED from Transponder tWAIT,RO bit 31 ............ bit 0 page 4 page 5 page 6 bit 31 ............ bit 0 page 4 bit 31 ............ bit 0 bit 31 ............ bit 0 page 7 192 TO 64 TO 128 TO modified PMC bit 31 ..... Figure 18. Sequence for PCF7931/30/35 Read Only mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |