Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST33TPHF20SPI Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST33TPHF20SPI
Description  Trusted Platform Module
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF20SPI Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST33TPHF20SPI Datasheet HTML 16Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 17Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 18Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 19Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 20Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 21Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 22Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 23Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
FIPS140-2 SECURITY POLICY
Page 20 of 47
NON-PROPRIETARY DOCUMENT
2.
Control and data inputs are multiplexed over the same physical interface. Control and
data are distinguished by properly parsing input TPM command parameters according
to input structures description, indicated for each command in [TPM2.0 Part3 r1.16]1.
3.
Status and data output are multiplexed over the same physical interface. Status and
data are distinguished by properly setting output TPM response parameters according
to output structures description, indicated for each command in [TPM2.0 Part3 r1.16].
4.
The logical state machine and the command structure parsing of the module prevent
from using input data externally from the “data input path” and prevent from outputting
dat
a externally from the “data output path”.
5.
While performing key generation or key zeroization (no manual key entry on TPM),
the output data path is logically disconnected while the output status path remains
connected to report any possible failure during command processing. Generally, the
output data path is only connected when TPM outputs response containing data.
6.
Plaintext data can be output through usage of:
TPM2_Unseal, TPM2_RSA_Decrypt, TPM2_EncryptDecrypt
To prevent inadvertent release of the plaintext data, command performs:
Check of command input structure
Check of command authorization
Decryption of the input blob with private part of specified key
However an encryption session might be used with these commands to avoid
releasing plaintext data.
7.
The logical state machine and command structure of the module guarantees the
inhibition of all data output via the data output interface whenever an error state exists
and while doing self-tests.
1 Some commands only deal with control input and status output parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com