Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD1963QL9 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # SSD1963QL9
Description  1215KB Embedded Display SRAM LCD Display Controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963QL9 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button SSD1963QL9 Datasheet HTML 19Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 20Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 21Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 22Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 23Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 24Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 25Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 26Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 93 page
background image
SSD1963
Rev 1.1
P 23/93
Jan 2010
Solomon Systech
Hex Code
Command
Description
0xCD
get_gpio2_rop
Get the GPIO2 properties with respect to the LCD signal
generators.
0xCE
set_gpio3_rop
Set the GPIO3 with respect to the LCD signal generators
using ROP operation. No effect if the GPIO3 is configured as
general GPIO.
0xCF
get_gpio3_rop
Get the GPIO3 properties with respect to the LCD signal
generators.
0xD0
set_dbc_conf
Set the dynamic back light configuration
0xD1
get_dbc_conf
Get the current dynamic back light configuration
0xD4
set_dbc_th
Set the threshold for each level of power saving
0xD5
get_dbc_th
Get the threshold for each level of power saving
0xE0
set_pll
Start the PLL. Before the start, the system was operated with
the crystal oscillator or clock input
0xE2
set_pll_mn
Set the PLL
0xE3
get_pll_mn
Get the PLL settings
0xE4
get_pll_status
Get the current PLL status
0xE5
set_deep_sleep
Set deep sleep mode
0xE6
set_lshift_freq
Set the LSHIFT (pixel clock) frequency
0xE7
get_lshift_freq
Get current LSHIFT (pixel clock) frequency setting
0xE8
Reserved
Reserved
0xE9
Reserved
Reserved
0xF0
set_pixel_data_interface
Set the pixel data format of the parallel host processor
interface
0xF1
get_pixel_data_interface
Get the current pixel data format settings
0xFF
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com