Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5TC4G43BFR-RDA Datasheet(PDF) 27 Page - Hynix Semiconductor

Part # H5TC4G43BFR-RDA
Description  4Gb DDR3L SDRAM
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5TC4G43BFR-RDA Datasheet(HTML) 27 Page - Hynix Semiconductor

Back Button H5TC4G43BFR-RDA Datasheet HTML 23Page - Hynix Semiconductor H5TC4G43BFR-RDA Datasheet HTML 24Page - Hynix Semiconductor H5TC4G43BFR-RDA Datasheet HTML 25Page - Hynix Semiconductor H5TC4G43BFR-RDA Datasheet HTML 26Page - Hynix Semiconductor H5TC4G43BFR-RDA Datasheet HTML 27Page - Hynix Semiconductor H5TC4G43BFR-RDA Datasheet HTML 28Page - Hynix Semiconductor H5TC4G43BFR-RDA Datasheet HTML 29Page - Hynix Semiconductor H5TC4G43BFR-RDA Datasheet HTML 30Page - Hynix Semiconductor H5TC4G43BFR-RDA Datasheet HTML 31Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
Rev. 1.0 / Nov. 2013
27
Standard Speed Bins
DDR3L SDRAM Standard Speed Bins include tCK, tRCD, tRP, tRAS and tRC for each corresponding bin.
DDR3L-800 Speed Bins
For specific Notes See "Speed Bin Table Notes" on page 32.
Speed Bin
DDR3L-800E
Unit
Notes
CL - nRCD - nRP
6-6-6
Parameter
Symbol
min
max
Internal read command to first data
tAA
15
20
ns
ACT to internal read or write delay time
tRCD
15
ns
PRE command period
tRP
15
ns
ACT to ACT or REF command period
tRC
52.5
ns
ACT to PRE command period
tRAS
37.5
9 * tREFI
ns
CL = 5
CWL = 5
tCK(AVG)
3.0
3.3
ns
1,2,3,4,11,12
CL = 6
CWL = 5
tCK(AVG)
2.5
3.3
ns
1,2,3
Supported CL Settings
5, 6
nCK
12
Supported CWL Settings
5
nCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com