Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-3DP001V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-3DP001V1
Description  Discovery board for 3D printer including 6-axis stepper motor driver based on the L6474H
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-3DP001V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-3DP001V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-3DP001V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-3DP001V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-3DP001V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-3DP001V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-3DP001V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-3DP001V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-3DP001V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-3DP001V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
May 2017
DocID029165 Rev 2
1/11
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-3DP001V1
Discovery board for 3D printer including 6-axis stepper motor
driver based on the L6474H
Data brief
Features
Ready for the next generation of 3D printers
Multiple extruders support (up to 3): 12
V; up to 8 A; temperature and fan
control; LED display
Multiple peripheral support and easy
interfacing
Hot chamber and multi-zone heating
bed, with high power capability: 12 V or
24 V; up to 20 A; temperature control;
LED display
High efficiency and small footprint thanks to
low Rds(on) MOSFETs
Open source firmware available
Main peripherals supported:
USB and microSD modules embedded
WiFi module embedded with web
server available
External LCD/keypad
Based on STSPIN L6474 stepper motor
driver with unique features in terms of
current control and protection (up to 6 axes;
phase current up to 3 Ar.m.s; micro-stepping
digital end stop)
Integrated debug solution; STLINKV2
embedded
RoHS compliant
Description
The STEVAL-3DP001V1 is a complete and
integrated solution for driving all 3D printers on
the market, including Delta models requiring
more complex computation. The solution is ideal
for both beginners and experienced users. It is
autonomous and can be used with a software
interface or with custom firmware thanks to the
embedded STM32 microcontroller based on the
ARM 32-bit Cortex M4 core. The STEVAL-
3DP001V1 is designed to drive 3D printers
providing several axes (6 motors), several
extruders (1 to 3), and multi-zone heating bed (1
to 3).
The STEVAL-3DP001V1 features integrated WiFi
connectivity, enabling the user to drive a 3D
printer using a smartphone or tablet. The solution
is also designed to work with 3D printer tools,
such as Pronterface. USB connectivity is
available through Virtual COM port, mini USB
OTG and Dongle USB A. Moreover, the board
includes a complete debug solution (STLINK-V2),
a tool that is appreciated by developers.
The STEVAL-3DP001V1 allows connection to
another board (e.g. Raspberry board or user
board), with a connector that provides drive
power (5 V - 3.3 V) and digital interface (SPI-I2C-
ADC-GPIOS-SD-USB).


Similar Part No. - STEVAL-3DP001V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-2STPD01 STMICROELECTRONICS-STEVAL-2STPD01 Datasheet
1Mb / 27P
USB Type-C™ protection for source application
17-May-2022
STEVAL-56G3MAI STMICROELECTRONICS-STEVAL-56G3MAI Datasheet
804Kb / 5P
VD56G3 S-Board: Hardware MIPI CSI-2 kit for the evaluation and integration of VD56G3 image sensor
17-Jun-2024
STEVAL-66GYMAI STMICROELECTRONICS-STEVAL-66GYMAI Datasheet
805Kb / 5P
VD66GY S-Board: Hardware MIPI CSI-2 kit for the evaluation and integration of VD66GY image sensor
17-Jun-2024
STEVAL-A6986IV1 STMICROELECTRONICS-STEVAL-A6986IV1 Datasheet
1Mb / 5P
38 V, 5 W synchronous iso-buck converter evaluation board with dual isolated output based on the A6986I
08-Mar-2021
STEVAL-A6986IV2 STMICROELECTRONICS-STEVAL-A6986IV2 Datasheet
1Mb / 5P
38 V, 5 W synchronous iso-buck converter evaluation board with single isolated output based on the A6986I
08-Mar-2021
More results

Similar Description - STEVAL-3DP001V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1857 STMICROELECTRONICS-UM1857 Datasheet
551Kb / 9P
Stepper motor driver expansion board based on L6474 for STM32 Nucleo
30-Mar-2015
UM1910 STMICROELECTRONICS-UM1910 Datasheet
1Mb / 12P
Getting started with the high power stepper motor driver expansion board based on powerSTEP01 for STM32 Nucleo
06-Jul-2015
STEVAL-VNH5019A STMICROELECTRONICS-STEVAL-VNH5019A Datasheet
1Mb / 12P
Motor driver evaluation board based on VNH5019A
16-Sep-2013
STEVAL-VNH5050A STMICROELECTRONICS-STEVAL-VNH5050A Datasheet
1Mb / 12P
Motor driver evaluation board based on VNH5050A
16-Sep-2013
X-NUCLEO-IHM05A1 STMICROELECTRONICS-X-NUCLEO-IHM05A1 Datasheet
264Kb / 4P
Bipolar stepper motor driver expansion board based on the L6208 for STM32 Nucleo
July 2015 Rev 1
X-NUCLEO-IHM03A1 STMICROELECTRONICS-X-NUCLEO-IHM03A1 Datasheet
453Kb / 4P
High power stepper motor driver expansion board based on powerSTEP01 for STM32 Nucleo
08-Jun-2015
X-NUCLEO-IHM02A1 STMICROELECTRONICS-X-NUCLEO-IHM02A1 Datasheet
306Kb / 7P
Two axis stepper motor driver expansion board based on the L6470 for STM32 Nucleo
December 2015
X-NUCLEO-IHM06A1 STMICROELECTRONICS-X-NUCLEO-IHM06A1 Datasheet
379Kb / 4P
Low voltage stepper motor driver expansion board based on the STSPIN220 for STM32 Nucleo
June 2016
X-NUCLEO-IHM14A1 STMICROELECTRONICS-X-NUCLEO-IHM14A1 Datasheet
367Kb / 4P
Stepper motor driver expansion board based on STSPIN820 for STM32 Nucleo
October 2017
STEVAL-IPC003V1 STMICROELECTRONICS-STEVAL-IPC003V1 Datasheet
117Kb / 5P
Adapter board (daughter board for the STM3210C_EVAL) for a thermal printer based on the L293DD
August 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com