Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STUSB4500L Datasheet(PDF) 25 Page - STMicroelectronics

Part # STUSB4500L
Description  Standalone USB Type-C??sink port controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500L Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STUSB4500L Datasheet HTML 21Page - STMicroelectronics STUSB4500L Datasheet HTML 22Page - STMicroelectronics STUSB4500L Datasheet HTML 23Page - STMicroelectronics STUSB4500L Datasheet HTML 24Page - STMicroelectronics STUSB4500L Datasheet HTML 25Page - STMicroelectronics STUSB4500L Datasheet HTML 26Page - STMicroelectronics STUSB4500L Datasheet HTML 27Page - STMicroelectronics STUSB4500L Datasheet HTML 28Page - STMicroelectronics STUSB4500L Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
9
Terms and abbreviations
Table 20. List of terms and abbreviations
Term
Description
Accessory mode
Debug accessory mode. It is defined by the presence of pull-up resistors Rp/Rp on
CC1/CC2 pins in sink power role.
DFP
Downstream facing port, specifically associated with the flow of data in a USB
connection. Typically the ports on a HOST or the ports on a hub to which devices
are connected. In its initial state, the DFP sources VBUS and optionally VCONN, and
supports data.
DRP
Dual-role port. A port that can operate as either a source or a sink. The port role
may be changed dynamically.
Sink
Port asserting Rd on the CC pins and consuming power from the VBUS.
Source
Port asserting Rp on the CC pins and providing power over the VBUS.
UFP
Upstream facing port, specifically associated with the flow of data in a USB
connection. The port on a device or a hub that connects to a host or the DFP of a
hub. In its initial state, the UFP sinks VBUS and supports data.
STUSB4500L
Terms and abbreviations
DS13102 - Rev 1
page 25/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com