Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STUSB4710ADTR Datasheet(PDF) 23 Page - STMicroelectronics

Part # STUSB4710ADTR
Description  Autonomous USB PD controller with integrated discharge path
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4710ADTR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STUSB4710ADTR Datasheet HTML 19Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 20Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 21Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 22Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 23Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 24Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 25Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 26Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
STUSB4710
Electrical characteristics
DocID030499 Rev 4
23/34
8.3
Electrical and timing characteristics
Unless otherwise specified: VDD = 5 V, TA = +25 °C, all voltages are referenced to GND.
Table 16: Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IDD(SRC)
Current
consumption
Device idle as SOURCE (not connected, no communication)
VDD @ 5.0 V
188
µA
ISTDBY
Standby
current
consumption
Device standby (not connected, low power)
VDD @ 5.0 V
53
µA
CC1 and CC2 pins
IP-USB
CC current
sources
CC pin voltage
VCC = -0.3 to 2.6 V
-40° < TA < +105°
-20%
80
+20%
µA
IP-1.5
-8%
180
+8%
µA
IP-3.0
-8%
330
+8%
µA
VCCO
CC open pin
voltage
CC unconnected,
VDD=3.0 to 5.5 V
2.75
V
Rd
CC pull-down
resistors
-40° < TA < +105°
-10%
5.1
+10%
VCCDB-1.5
VCCDB-3.0
CC pin voltage in
dead battery
condition
External IP=180 µA applied
into CC
1.2
V
External IP=330 µA
applied into CC
(VDD = 0, dead battery
function enabled)
2
V
RINCC
CC input
impedance
Pull-up and pull-down
resistors off
200
VTH0.2
Detection
threshold 1
Max. Ra detection by DFP
at IP = IP -USB,
min. IP_USB detection by
UFP on Rd,
min. CC voltage for
connected UFP
0.15
0.2
0.25
V
VTH0.4
Detection
threshold 2
Max Ra detection by DFP at
IP = IP-1.5
0.35
0.4
0.45
V
VTH0.66
Detection
threshold 3
Min IP_1.5 detection by UFP
on Rd
0.61
0.66
0.7
V
VTH0.8
Detection
threshold 4
Max. Ra detection by DFP at
IP = IP-3.0
0.75
0.8
0.85
V
VTH1.23
Detection
threshold 5
Min. IP_3.0 detection by UFP
on Rd
1.16
1.23
1.31
V
VTH1.6
Detection
threshold 6
Max Rd detection by DFP at
IP = IP-USB and IP = IP-1.5
1.5
1.6
1.65
V
VTH2.6
Detection
threshold 7
Max. Rd detection by DFP
at IP-3.0, max. CC voltage
for connected UFP
2.45
2.6
2.75
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com