Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89S53 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AT89S53
Description  State-of-the Art Evaluation Module for 8, 20 & 40-pin Microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT89S53 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AT89S53 Datasheet HTML 1Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 2Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 3Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
User Manual V2.00 Evalu8r
1
Introduction
he Evalu8r is a feature-packed
evaluation module which has been
specially designed to support a variety
of different single-chip microcontrollers.
Support is offered for for Atmel 8-pin,
20-pin and 40-pin AVR microcontrollers,
together with support for 20-pin and
40-pin 8051 microcontrollers. The
module supports a wealth of typical
microcontroller peripherals including
LED's, push buttons, sounder, A/D and
serial communications. There is also the
provision for two 8-bit ports to be
brought out via headers allowing the
user to develop off-board circuitry.
The Evalu8r module features an In-System
Programming (ISP) port which allows the
Atmel microcontrollers which support ISP to
be programmed in-situe in the socket. The
ISP port is designed to interface to any
Equinox serial programmer including the
'Micro-ISP' and 'Activ8r'. Even the new
Atmel AVR 8-pin microcontroller family
(AT90S2323/AT90S2343) is supported by
this module. It is also possible to place serial
EEPROM's in the 8-pin socket and then
communicate to these device from the
master microcontroller.
The 'Evalu8r' module is now supplied as
standard in both AVR and 8051
microcontroller systems. Many sample
application programs based on this module
are already in existence.
MODULE HIGHLIGHTS
• Supports Atmel 8, 20 and 40-pin
Microcontrollers
• Supports NEW Atmel 8-pin AVR
microcontrollers
• Supports 8-pin serial EEPROM’s
• Features In-System Reprogramming
(ISP) Port
• User configurable RESET Polarity to
support both 8051 and AVR
microcontrollers
• 8 x Light Emitting Diodes (LED’s)
• 5 Push Button Switches
• RS-232 Communications Driver
Circuitry
• Simple Analogue to Digital (A/D)
Converter using on-chip Comparator
• Two ports brought out to headers
allowing external circuitry to be
connected
• On-board power supply
• Pluggable Crystal
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com