Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8CKIT-059 Datasheet(PDF) 24 Page - Cypress Semiconductor

Part # CY8CKIT-059
Description  5LP Prototyping Kit Guide
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CKIT-059 Datasheet(HTML) 24 Page - Cypress Semiconductor

Back Button CY8CKIT-059 Datasheet HTML 20Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 21Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 22Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 23Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 24Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 25Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 26Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 27Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 28Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
CY8CKIT-059 PSoC® 5LP Prototyping Kit Guide, Doc. #: 001-96498 Rev. *G
24
Hardware
4.2.4
Board Separation (Snapping)
The PSoC 5LP Prototyping Kit consists of both a PSoC 5LP and a KitProg board. To separate the
two boards for testing or development, break the two boards apart at the built-in perforated edge.
The easiest method of separating the two boards is to place the kit on the edge of a table, where the
edge of the table is directly below the perforated edge and the smaller KitProg board is off the table
edge. Press gently on the KitProg board and snap the two boards apart. If any material is removed
from the edge of the boards, use sheers to clean up the edge of the kit.
Figure 4-4. PSoC 5LP Prototyping Kit Broken into Two Parts
4.2.5
Header Connections
The PSoC 5LP Prototyping Kit supports a number of unpopulated headers on both the KitProg and
the target PSoC 5LP boards.
4.2.5.1
Functionality of the J1 and J2 Headers (Target Board)
The target board contains two dual-inline headers (J1 and J2). These headers are both 1×26-pin
headers and include all of the I/O available on the PSoC 5LP device. These headers support all of
the available ports, GND, VDD, and connections to passive elements and user-input devices.
The J1 and J2 headers support 100-mil spacing, so you can solder connectors to connect the target
board to any development breadboard.
Figure 4-5. J1 and J2 Headers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com