Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSAS3F3CY2202 Datasheet(PDF) 22 Page - Eaton All Rights Reserved.

Part # CSAS3F3CY2202
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3CY2202 Datasheet(HTML) 22 Page - Eaton All Rights Reserved.

Back Button CSAS3F3CY2202 Datasheet HTML 18Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 19Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 20Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 21Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 22Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 23Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 24Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 25Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 26Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 102 page
background image
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
V8-T3-21
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.2
Inductive Proximity Sensors
E57P Performance Series Sensors
Technical Data and Specifications
E57P Performance Sensors
Recommended Mounting Clearances
For unshielded standard range sensors and extended range sensors, clearance must be provided
around the sensor when mounting for reliable performance. (“Sn” is the sensing range of the
sensor, “d” is the sensor diameter.)
E57P Performance Sensors, Mounting
Note
Ryton® is a registered trademark of Phillips Chemical (division of Phillips Petroleum).
1 40–240 Vac at <–4 °F (<–20 °C).
Description
Performance Three-Wire DC Sensors
Operating voltage
10–48 Vdc
Output current (continuous)
300 mA
Switching frequency [Hz]
Standard range:
12 mm—Shielded: 2000; Unshielded: 2000
18 mm—Shielded: 1200; Unshielded: 1200
30 mm—Shielded: 600; Unshielded: 500
Extended range:
12 mm—Shielded: 1200; Unshielded: 500
18 mm—Shielded: 300; Unshielded: 300
30 mm—Shielded: 400; Unshielded: 200
Leakage current
<100 μA
Output voltage drop [Vsat]
<2.5 V
Current consumption
<10 mA
Short-circuit protection
Yes (Auto Reset)
Hysteresis [% of Sr]
2–20%
Repeat accuracy
1% shielded, 3% unshielded
Time delay before availability
<200 ms
Output indicator LED
360° amber LED
Operating temperature range
–40 to 70 °C
Ingress protection
IEC IP67, IP69K, UL Type 1, NEMA Type 6P, NEMA Type 4X
Shock
30 g, 11 ms per IEC 68-2-76
Vibration
10 to 55 Hz, 1 mm amplitude
Housing materials
Front face: Ryton
Tube: Stainless steel
End bells: M12 body: Polycarbonate
Cable end bell: Polycarbonate
Nuts: Stainless steel
Cable
AWM style 20387 (PVC)
Type
Shielding
a
b
Standard range
Shielded
0
0
Unshielded
Cap height
2 x 5n
Extended range
Shielded
0
0
Unshielded
Cap height
2 x Sn
a
b
d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com