Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSAS3F3CY2205 Datasheet(PDF) 60 Page - Eaton All Rights Reserved.

Part # CSAS3F3CY2205
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3CY2205 Datasheet(HTML) 60 Page - Eaton All Rights Reserved.

Back Button CSAS3F3CY2205 Datasheet HTML 56Page - Eaton All Rights Reserved. CSAS3F3CY2205 Datasheet HTML 57Page - Eaton All Rights Reserved. CSAS3F3CY2205 Datasheet HTML 58Page - Eaton All Rights Reserved. CSAS3F3CY2205 Datasheet HTML 59Page - Eaton All Rights Reserved. CSAS3F3CY2205 Datasheet HTML 60Page - Eaton All Rights Reserved. CSAS3F3CY2205 Datasheet HTML 61Page - Eaton All Rights Reserved. CSAS3F3CY2205 Datasheet HTML 62Page - Eaton All Rights Reserved. CSAS3F3CY2205 Datasheet HTML 63Page - Eaton All Rights Reserved. CSAS3F3CY2205 Datasheet HTML 64Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 102 page
background image
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
V8-T3-59
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.8
Inductive Proximity Sensors
Metal Face Sensors
Product Selection
Metal Face Sensors
Two-Wire Sensors
Three-Wire Sensors
Compatible Connector Cables
Standard Cables 1
Notes
See listing of compatible connector cables above.
1 For a full selection of connector cables, see Tab 10, section 10.1.
Operating
Voltage
Sensing
Range (Sn)
Shielding
Connection Type
NO Output
Catalog Number
12 mm Diameter
20–250 Vac/dc
50/60 Hz
2 mm
Shielded
3-pin micro AC connector
E57FAL12A2SA-M
30 mm Diameter
20–250 Vac/dc
50/60 Hz
10 mm
Shielded
3-pin micro AC connector
E57FAL30A2SA-M
Operating
Voltage
Sensing
Range (Sn)
Shielding
Connection Type
NO Output
Catalog Number
12 mm Diameter
10–30 Vdc
2 mm
Shielded
(PNP)
4-pin micro DC connector
E57FAL12T111SD-M
18 mm Diameter
10–30 Vdc
5 mm
Shielded
(PNP)
4-pin micro DC connector
E57FAL18T111SD-M
Voltage
Style
Number
of Pins
Gauge
Length
Pin Configuration/Wire Colors
(Face View Female Shown)
PVC Jacket
Catalog Number
PUR Jacket
Catalog Number
Micro-Style, Straight Female
AC
3-pin,
3-wire
22 AWG
6.0 ft (2m)
CSAS3F3CY2202
CSAS3F3RY2202
DC
4-pin,
4-wire
22 AWG
6.0 ft (2m)
CSDS4A4CY2202
CSDS4A4RY2202
12 mm
30 mm
12 mm
18 mm
Micro-Style
Straight Female
1-Green
2-Red/Black
3-Red/White
1-Brown
2-White
3-Blue
4-Black



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com