Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSAS3F3RY2210 Datasheet(PDF) 27 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2210
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2210 Datasheet(HTML) 27 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2210 Datasheet HTML 23Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 24Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 25Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 26Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 27Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 28Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 29Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 30Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 31Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 102 page
background image
V8-T3-26
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.3
Inductive Proximity Sensors
E57PS Performance Short Body Sensors
Accessories
E57PS Performance Short Body Sensors
Technical Data and Specifications
E57PS Performance Short Body Sensors
Note
Ryton® is a registered trademark of Phillips Chemical (division of Phillips Petroleum).
Description
Reference
Mounting brackets
See Tab 8, section 8.2
Replacement mounting nuts and other accessories
See Tab 8, section 8.3
Connector cables
See Tab 10, section 10.1
Description
Three-Wire DC Sensors
Operating voltage
10–48 Vdc
Maximum load current
300 mA
Switching frequency [Hz]
12 mm—Shielded: 2000; Unshielded: 2000
18 mm—Shielded: 1200; Unshielded: 1200
30 mm—Shielded: 600; Unshielded: 500
Leakage current
100 μA maximum
Voltage drop
≤2.5 V
Holding current
≤10 mA
Short-circuit protection
Yes (Auto Reset)
Switching hysteresis
2–20% of rated sensing distance
Repeat accuracy
1% shielded, 3% unshielded
Output indicator LED
360° amber LED
Operating temperature
–40 to 158 °F (–40 to 70 °C)
Enclosure ratings
IP67, IP69K; NEMA 4, 4X, 6, 6P
Shock
30 g sine wave, 11 ms per IEC68-2-76
Vibration
10 to 55 Hz, 1 mm amplitude
Material of construction
Stainless steel, polycarbonate end bells, Ryton® front cap
Cable
AWM Style 20387 (PVC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com