Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OVS3W Datasheet(PDF) 4 Page - TT Electronics.

Part # OVS3W
Description  3-Watt SMD 6x6mm White
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVS3W Datasheet(HTML) 4 Page - TT Electronics.

  OVS3W Datasheet HTML 1Page - TT Electronics. OVS3W Datasheet HTML 2Page - TT Electronics. OVS3W Datasheet HTML 3Page - TT Electronics. OVS3W Datasheet HTML 4Page - TT Electronics. OVS3W Datasheet HTML 5Page - TT Electronics. OVS3W Datasheet HTML 6Page - TT Electronics. OVS3W Datasheet HTML 7Page - TT Electronics. OVS3W Datasheet HTML 8Page - TT Electronics. OVS3W Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue A 12/06
Page 4 of 9
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
.3-Watt SMD 6mm White
OVS3W Series
Standard Bins
Lamps are sorted to chromaticity coordinates and intensity (IV) bins shown. Orders may be filled with any or all bins
contained as below.
IV
Luminous Intensity (cd)
Bin
Min
Max
AA
7.1
9
AB
9
11
AC
11
14
Bin
1
2
3
4
X 1
CX
0.2775
0.290
0.290
0.2775
CY
0.243
0.265
0.310
0.288
X2
CX
0.290
0.3025
0.3025
0.290
CY
0.265
0.286
0.331
0.310
X3
CX
0.3025
.0315
0.315
0.3025
CY
0.286
0.308
0.353
0.331
Y1
CX
0.315
0.3275
0.3275
0.315
CY
0.308
0.330
0.375
0.353
Y2
CX
0.3275
0.340
0.340
0.3275
CY
0.330
0.351
0.396
0.375
CX
0.34
0.3525
0.3525
0.34
CY
0.351
0.373
0.418
0.396
Y3
Chromaticity Coordinates
Correlated Color Temperature (CCT)
Color Bin
Minimum CCT (K)
Maximum CCT (K)
Y2
5000
5500
Y1
5500
6000
X3
6000
7000
X2
7000
8000
X1
8000
10000
Y3
4500
5000
IV
Luminous Intensity (cd)
Bin
Min
Max
Y1
2.8
3.5
Y2
3.5
4.5
OVS3WBCR4 Flat Lens
OVS3WBCR44 Dome Lens



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com