Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L289 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L289
Description  DUAL FULL-BRIDGE DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L289 Datasheet(HTML) 4 Page - STMicroelectronics

  L289 Datasheet HTML 1Page - STMicroelectronics L289 Datasheet HTML 2Page - STMicroelectronics L289 Datasheet HTML 3Page - STMicroelectronics L289 Datasheet HTML 4Page - STMicroelectronics L289 Datasheet HTML 5Page - STMicroelectronics L289 Datasheet HTML 6Page - STMicroelectronics L289 Datasheet HTML 7Page - STMicroelectronics L289 Datasheet HTML 8Page - STMicroelectronics L289 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Figure 1 : Typical Saturation Voltage vs. Output
Current.
Figure 2 : Switching Times Test Circuits.
Note : For INPUT Switching, set EN = H
For ENABLE Switching, set IN = H
1) 1)Sensing voltage can be –1 V for t
≤ 50 µsec; in steady state Vsens min ≥ – 0.5 V.
2) See fig. 2.
3) See fig. 4.
4) The load must be a pure resistor.
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
T1 (Vi)
Source Current Turn-off Delay
0.5 Vi to 0.9 IL
(2); (4)
1.5
µs
T2 (Vi)
Source Current Fall Time
0.9 IL to 0.1 IL
(2); (4)
0.2
µs
T3 (Vi)
Source Current Turn-on Delay
0.5 Vi to 0.1 IL
(2); (4)
2
µs
T4 (Vi)
Source Current Rise Time
0.1 IL to 0.9 IL
(2); (4)
0.7
µs
T5 (Vi)
Sink Current Turn-off Delay
0.5 Vi to 0.9 IL
(3); (4)
0.7
µs
T6 (Vi)
Sink Current Fall Time
0.9 IL to 0.1 IL
(3); (4)
0.25
µs
T7 (Vi)
Sink Current Turn-on Delay
0.5 Vi to 0.9 IL
(3); (4)
1.6
µs
T8 (Vi)
Sink Current Rise Time
0.1 IL to 0.9 IL
(3); (4)
0.2
µs
fc (Vi)
Commutation Frequency
IL = 2A
25
40
KHz
T1 (Ven)
Source Current Turn-off Delay
0.5 Ven to 0.9 IL
(2); (4)
3
µs
T2 (Ven)
Source Current Fall Time
0.9 IL to 0.1 IL
(2); (4)
1
µs
T3 (Ven)
Source Current Turn-on Delay
0.5 Ven to 0.1 IL
(2); (4)
0.3
µs
T4 (Ven)
Source Current Rise Time
0.1 IL to 0.9 IL
(2); (4)
0.4
µs
T5 (Ven)
Sink Current Turn-off Delay
0.5 Ven to 0.9 IL
(3); (4)
2.2
µs
T6 (Ven)
Sink Current Fall Time
0.9 IL to 0.1 IL
(3); (4)
0.35
µs
T7 (Ven)
Sink Current Turn-on Delay
0.5 Ven to 0.9 IL
(3); (4)
0.25
µs
T8 (Ven)
Sink Current Rise Time
0.1 IL to 0.9 IL
(3); (4)
0.1
µs
L298
4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com