Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5941PWPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5941PWPR
Description  16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5941PWPR Datasheet(HTML) 3 Page - Texas Instruments

  TLC5941PWPR Datasheet HTML 1Page - Texas Instruments TLC5941PWPR Datasheet HTML 2Page - Texas Instruments TLC5941PWPR Datasheet HTML 3Page - Texas Instruments TLC5941PWPR Datasheet HTML 4Page - Texas Instruments TLC5941PWPR Datasheet HTML 5Page - Texas Instruments TLC5941PWPR Datasheet HTML 6Page - Texas Instruments TLC5941PWPR Datasheet HTML 7Page - Texas Instruments TLC5941PWPR Datasheet HTML 8Page - Texas Instruments TLC5941PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
DISSIPATION RATINGS
TLC5941
SLVS589 – JULY 2005
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
DC Characteristics
VCC
Supply Voltage
3
5.5
V
VO
Voltage applied to output (OUT0 - OUT15)
17
V
VIH
High-level input voltage
0.8 VCC
VCC
V
VIL
Low-level input voltage
GND
0.2 VCC
V
IOH
High-level output current
VCC = 5 V at SOUT
–1
mA
IOL
Low-level output current
VCC = 5 V at SOUT, XERR
1
mA
IOLC
Constant output current
OUT0 to OUT15
80
mA
TA
Operating free-air temperature range
–40
85
°C
AC Characteristics
VCC = 3 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted)
Data shift clock
f(SCLK)
SCLK
30
MHz
frequency
Grayscale clock
f(GSCLK)
GSCLK
30
MHz
frequency
twh0/twl0
SCLK pulse duration
SCLK = H/L (1)
16
ns
twh1/twl1
GSCLK pulse duration
GSCLK = H/L (2)
16
ns
twh2
XLAT pulse duration
XLAT = H (3)
20
ns
twh3
BLANK pulse duration
BLANK = H (2)
20
ns
tsu0
SIN - SCLK (3)
10
ns
tsu1
SCLK - XLAT (3)
10
ns
tsu2
Setup time
MODE - SCLK (4)
10
ns
tsu3
MODE - XLAT (4)
10
ns
tsu4
BLANK - GSCLK (2)
10
ns
th0
SCLK - SIN (3)
10
ns
th1
XLAT - SCLK (3)
10
ns
th2
Hold Time
SCLK - MODE (4)
10
ns
th3
XLAT - MODE (4)
10
ns
th4
BLANK - GSCLK (2)
10
ns
(1)
See Figure 8
(2)
See Figure 12
(3)
See Figure 10
(4)
See Figure 6
POWER RATING
POWER RATING
POWER RATING
PACKAGE
DERATING FACTOR ABOVE TA = 25°C
TA < 25°C
TA = 70°C
TA = 85°C
28-pin HTSSOP with
PowerPAD™
3958 mW
31.67 mW/
°C
2533 mW
2058 mW
soldered(1)
28-pin HTSSOP
without PowerPAD™
2026 mW
16.21 mW/
°C
1296 mW
1053 mW
soldered
32-pin QFN(1)
3482 mW
27.86 mW/
°C
2228 mW
1811 mW
28-pin PDIP
2456 mW
19.65 mW/
°C
1572 mW
1277 mW
(1)
The PowerPAD is soldered to the PCB with a 2-oz. copper trace. See application report SLMA002 for further information.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com