Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1718 Datasheet(PDF) 38 Page - STMicroelectronics

Part # UM1718
Description  STM32CubeMX for STM32 configuration and initialization C code generation
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1718 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button UM1718 Datasheet HTML 34Page - STMicroelectronics UM1718 Datasheet HTML 35Page - STMicroelectronics UM1718 Datasheet HTML 36Page - STMicroelectronics UM1718 Datasheet HTML 37Page - STMicroelectronics UM1718 Datasheet HTML 38Page - STMicroelectronics UM1718 Datasheet HTML 39Page - STMicroelectronics UM1718 Datasheet HTML 40Page - STMicroelectronics UM1718 Datasheet HTML 41Page - STMicroelectronics UM1718 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 231 page
background image
STM32CubeMX User Interface
UM1718
38/231
DocID025776 Rev 15
4
STM32CubeMX User Interface
STM32CubeMX user interface consists of a main window, a menu bar, a toolbar, four views
(Pinout, Configuration, Clock Configuration, Power Consumption Calculator) and a set of
help windows (MCUs selection, Update manager, About). All these menus are described in
the following sections.
For C code generation, although the user can switch back and forth between the different
configuration views, it is recommended to follow the sequence below:
1.
Select the relevant IPs and their operating modes from the Pinout view.
2.
Configure the clock tree from the clock configuration view.
In the Pinout view, configure the RCC peripheral by enabling the external clocks,
master output clocks, audio input clocks (when relevant for your application). This
automatically displays more options on the Clock tree view (see Figure 23).
3.
Configure the parameters required to initialize the IP operating modes from the
configuration view.
4.
Generate the initialization C code.
4.1
Welcome page
The Welcome page is the first window that opens up when launching STM32CubeMX
program. It remains open as long as the application is running. Closing it closes down the
application. Refer to Figure 20 and to Table 2 for a description of the Welcome page.
Figure 20. STM32CubeMX Welcome page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com