Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAM5708B Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # SAM5708B
Description  AUDIO & MUSIC MULTI-DSP PROCESSOR
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM5708B Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button SAM5708B Datasheet HTML 20Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 21Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 22Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 23Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 24Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 25Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 26Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 27Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 89 page
background image
SAM5708B
SAM5708B.pdf
– Rev 14/05/2018
24
© 2015-2018 Dream S.A.S., France
Pin name
Pin#
Type
Mem
Cfg
Description
RX_ER
60
In MEM
6
RMII Receive Error Output from the Ethernet PHY.
XCLBD1
60
In MEM
6
Optional clock bit for digital audio inputs DAAD[7:0]. Used
for sampling rate conversion, for external incoming digital
audio.
P8.2_IntB
60
I/O MEM
6
General purpose I/O pin.
External Interrupt source IntB.
RXD0
56
In MEM
6
RMII Receive Data Output 0 from the Ethernet PHY.
DAAD6
56
In MEM
6
Stereo audio digital input 6, I2S or MSB format. Can
operate on CLBD master rate or XCLBD external rate.
P8.3
56
I/O MEM
6
General purpose I/O pin.
RXD1
57
In MEM
6
RMII Receive Data Output 1 from the Ethernet PHY.
DAAD7
57
In MEM
6
Stereo audio digital input 7, I2S or MSB format. Can
operate on CLBD master rate or XCLBD external rate.
P8.4
57
I/O MEM
6
General purpose I/O pin.
CRS_DV
59
In MEM
6
RMII Carrier Sense/Receive Data Valid Output from the
Ethernet PHY
DABD6
59
Out MEM
6
Stereo audio digital output 6, I2S or MSB format.
P8.5
59
I/O MEM
6
General purpose I/O pin.
TXD0
53
Out MEM
6
RMII Transmit Data 0 to the Ethernet PHY.
DABD7
53
Out MEM
6
Stereo audio digital output 7, I2S or MSB format.
P8.6
53
I/O MEM
6
General purpose I/O pin.
TXD1
54
Out MEM
6
RMII Transmit Data 1 to the Ethernet PHY.
SPICS2/
54
Out MEM
6
Chip select 2 for Multi-purpose Quad SPI interface. Need
external 100k pull-up resistor if firmware is in device
selected by SPICS0/.
P8.7
54
I/O MEM
6
General purpose I/O pin.
TX_EN
58
Out MEM
6
RMII Transmit Enable to the Ethernet PHY.
SPICS3/
58
Out MEM
6
Chip select 3 for Multi-purpose Quad SPI interface. Need
external 100k pull-up resistor if firmware is in device
selected by SPICS0/.
P8.8
58
I/O MEM
6
General purpose I/O pin.
4.3.5. Host Parallel Interface as primary function
Pin name
Pin#
Type
Mem
Cfg
Description
D0-D7
111-117
I/O DR8
1,2,5
Host parallel interface data. Output if CS/ and RD/ are low
(read from chip), input if CS/ and WR/ are low (write to
chip). Type of data defined by A0-A1 address input.
118
I/O DR4
DAAD2
111
In 5VT
1,2,5
Stereo audio digital input 2, I2S or MSB format.
DABD4
112
Out DR8
1,2,5
Stereo audio digital output 4, I2S or MSB format.
DABD3
113
Out DR8
1,2,5
Stereo audio digital output 3, I2S or MSB format.
DABD2
114
Out DR8
1,2,5
Stereo audio digital output 2, I2S or MSB format.
XWSBD1
115
In 5VT
1,2,5
External
word sel. Clock
1 for digital audio inputs
DAAD[7:0].
XCLBD1
116
In 5VT
1,2,5
External clock bit 1 for digital audio inputs DAAD[7:0].
XWSBD0
117
In 5VT
1,2,5
- External word select clock 0 for digital audio inputs
DAAD[7:0].
- Word Clock input for audio sync. on external clock device.
XCLBD0
118
In
1,2,5
External clock bit for digital audio inputs DAAD[7:0].
P0.0-P0.6
111-117
I/O 5VT
DR8
1,2,5
General purpose I/O pins. Can be individually programmed
as input or output.
P0.7
118
I/O DR4
1,2,5
General purpose I/O pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com