Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSQN-A03GJ-P-R Datasheet(PDF) 3 Page - JST Mfg. Co., Ltd.

Part # SSQN-A03GJ-P-R
Description  Squib connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

SSQN-A03GJ-P-R Datasheet(HTML) 3 Page - JST Mfg. Co., Ltd.

  SSQN-A03GJ-P-R Datasheet HTML 1Page - JST Mfg. Co., Ltd. SSQN-A03GJ-P-R Datasheet HTML 2Page - JST Mfg. Co., Ltd. SSQN-A03GJ-P-R Datasheet HTML 3Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SQN CONNECTOR
11.6
23.2
14.8
13.5
Note: Contact JST for details.
Note: Contact JST for details.
500
Q’ty/bag
Orange
Color
2
Circuits
Model No.
SQNC-02H-1A-D
Material and Finish
Glass-filled PBT
2
1,000
Q’ty/box
Circuits
Model No.
SQFF-02-1A
3
Cover housing
CPA housing
Note: Contact JST for details.
500
500
2
Q’ty/box
Circuits
Yellow
Brown
Color
Model No.
SQNL-02H-1A-Y
SQNL-02H-1D-N
Glass-filled PBT
Material and Finish
0.5 mm
2
0.35 mm
2
Wire section
applicable
Ferrite
Crimping machine, Applicator
Crimp applicator MKS-L
Strip terminal
SSQN-A03GJ-P-L
SSQN-A03GJ-P-R
SSQN-A02GJ-P-L
SSQN-A02GJ-P-R
Dies
Crimp applicator with dies
CMK-DP
SSQNA03-P-L/R-0.50
CMK-DP
SSQNA03-P-L/R-0.50
CDS
SSQNA03-P-L/R-0.50/CMJS-L
CDS
SSQNA02-P-L/R-0.35/CMJS-L
Crimping
machine
AP-K7
Note: When crimping operation is conducted using an applicator and die set other than the above, JST cannot guarantee the performance of the terminal.
7.7
3.1
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com