Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNP-X127 Datasheet(PDF) 2 Page - Skynet Electronic Copyright

Part # SNP-X127
Description  General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-X127 Datasheet(HTML) 2 Page - Skynet Electronic Copyright

  SNP-X127 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-X127 Datasheet HTML 2Page - Skynet Electronic Copyright SNP-X127 Datasheet HTML 3Page - Skynet Electronic Copyright SNP-X127 Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
** This data sheet is only for models selection. For business, engineering specification by model must be used.
4-2
NOV. 2016
General Purpose
-Jim-
Rated
120W
Max.
132W
Peak
144W
SNP-X12 Series
Output Specifications:
Note:
1. Thetotaloutputcurrentisratedloadwithfreeairconvectionandmax.loadwith18CFMofforcedairflowovertheunit.
2. At factory, in 60% rated load condition, each output is checked to be within voltage accuracy.
3. Lineregulationisdefinedbychanging±10%ofinputvoltagefromnominallineatratedload.
4. Loadregulationisdefinedbychanging±40%ofmeasuredoutputloadfrom60%ratedloadatanotheroutputsetto60%ratedload.
5. Ripple & noise is measured by using 15MHz bandwidth limited oscilloscope and terminated each output with a 0.47uF capacitor and a 47uF electrolytic
capacitor at rated load and nominal line.
6. Hold up time is measured from the end of the last charging pulse to the time which the main output drops down to low limit of main output at rated load
and nominal line.
7. Efficiencyismeasuredatratedloadandnominalline.
8. Model Selection:
SNP-X12x is for both of ITE applicationand for medical application.
SNP-X127
+12V
0A
10A
11A 13A +11.9V~+12.1V
120mVpp
±0.5%
±1%
SNP-X128
+15V
0A
8A 8.8A 9.6A +14.25V~+15.25V
120mVpp
±0.5%
±1%
SNP-X125
+18V
0A 6.7A 7.4A 8A +17.1V~+18.9V
100mVpp
±0.5%
±1%
SNP-X129
+24V
0A
5A 5.5A 6.5A +23.8V~+24.2V
200mVpp
±0.5%
±1%
SNP-X12T
+48V
0A 2.5A 2.75A 3A +47.5V~+50.4V
200mVpp
±0.5%
±1%
SNP-X12H
+60V
0A
2A 2.2A 2.4A
+57V~+63V
150mVpp
±0.5%
±1%
MODEL
OUTPUT
LOAD
VOLTAGE
RIPPLE
LINE
LOAD
NO.
RAIL
MIN. RATED MAX. PEAK
ACCURACY
NOISE
REG.
REG.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com