Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNP-Z056 Datasheet(PDF) 1 Page - Skynet Electronic Copyright

Part # SNP-Z056
Description  General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-Z056 Datasheet(HTML) 1 Page - Skynet Electronic Copyright

  SNP-Z056 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-Z056 Datasheet HTML 2Page - Skynet Electronic Copyright SNP-Z056 Datasheet HTML 3Page - Skynet Electronic Copyright SNP-Z056 Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4-1
** This data sheet is only for model selection. For business, engineering specification by model must be used.
AUG. 2014
-Kevin-
Rated
55W
Peak
65W
SNP-Z05 Series
General Purpose
Features:
General Specifications:
Input voltage ...........................................90VAC to 264VAC
Input frequency.................................................47Hz to 63Hz
Inrush current ........................................... < 30A at 115VAC
(cold start at 25oC)
or < 60A at 230VAC
Efficiency .............................. 76%~86% depends on models
at rated load and 115VAC
Hold up time ..................................................... 14ms typical
at rated load and 115VAC
Over load protection ....................................... auto recovery
Short circuit protection ................................... auto recovery
Mechanical Specifications:
Over voltage protection ........................................... latch off
Operating temperature .......................0oC to 60oC convection
derating: 2.0% / oC > 50oC
Cooling ..................................................... free air convection
Storage temperature ...................................... -40oC to +85oC
EMI .......................................................................... FCC "B"
EN55022"B", EN55011"B"
EMS ...................................... EN61000-4-2,-3,-4,-5,-6,-8,-11
Safety ..............................................UL 60950-1, UL 60601-1
CSA C22.2 No. 60950-1, No. 601.1
EN 60950-1, EN 60601-1
Only 1.1 inch height
With ITE & Medical safety
Efficiency between 76% to 86%
Operation from 0oC to 60oC by convection
Applications:
For dental, laboratory products, pumps, monitors, sleep
apnea devices and many other uses.
Notes:
1. Size:
2" x 4" x 1.1"
2. Mounting Hole:
44.5 x 95.3 (mm)
3. Connectors:
AC input : JST B2P3-VH or equivalent
DC output : JST B4P-VH or equivalent for single output
JST B7P-VH or equivalent for multiple outputs
4. Output Pin assignment:
5. Packing:
Net weight: 140 g approx. / unit
Gross weight: 13.5 kg approx. / carton, 80 units / carton
Carton size (mm): 382 (L) x 374 (W) x 277 (H)
10 years Warranty (contact Skynet's Distributors for details)
1
2
3
4
Vo
Vo
GND GND
2" x 4" x 1.1"
28.5
101.6 (4")
50.8
(2")
28.5 Max.
(1.1")


Similar Part No. - SNP-Z056

ManufacturerPart #DatasheetDescription
logo
Skynet Electronic Copyr...
SNP-Z06 SKYNET-SNP-Z06 Datasheet
336Kb / 4P
General Purpose
SNP-Z061 SKYNET-SNP-Z061 Datasheet
336Kb / 4P
General Purpose
SNP-Z063 SKYNET-SNP-Z063 Datasheet
336Kb / 4P
General Purpose
SNP-Z066-1 SKYNET-SNP-Z066-1 Datasheet
336Kb / 4P
General Purpose
SNP-Z067 SKYNET-SNP-Z067 Datasheet
336Kb / 4P
General Purpose
More results

Similar Description - SNP-Z056

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NST3906DP6T5G ONSEMI-NST3906DP6T5G Datasheet
101Kb / 4P
Dual General Purpose Dual General Purpose
April, 2008 ??Rev. 0
logo
Kemet Corporation
F161YR155M100V KEMET-F161YR155M100V Datasheet
75Kb / 1P
General Purpose
logo
Guangdong Kexin Industr...
IMH2A KEXIN-IMH2A Datasheet
162Kb / 2P
General purpose
logo
Skynet Electronic Copyr...
SNP-Z20 SKYNET-SNP-Z20 Datasheet
326Kb / 4P
General Purpose
SNP-Z30 SKYNET-SNP-Z30 Datasheet
331Kb / 4P
General Purpose
SNP-C08 SKYNET-SNP-C08 Datasheet
317Kb / 4P
General Purpose
SNP-C15 SKYNET-SNP-C15 Datasheet
319Kb / 4P
General Purpose
SNP-F60 SKYNET-SNP-F60 Datasheet
355Kb / 4P
General Purpose
SNP-F80 SKYNET-SNP-F80 Datasheet
411Kb / 4P
General Purpose
logo
Motorola, Inc
2N4123 MOTOROLA-2N4123 Datasheet
165Kb / 6P
General Purpose
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com