Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMMC Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # EMMC
Description  Cost Effective Mass Storage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

EMMC Datasheet(HTML) 2 Page - Toshiba Semiconductor

  EMMC Datasheet HTML 1Page - Toshiba Semiconductor EMMC Datasheet HTML 2Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.toshiba.semicon-storage.com
Density
Item Name
Technology
JEDEC Standard
Temperature
Package
4GB
THGBMDG5D1LBAIT
15nm
JEDEC 5.0
-25°C to 85°C
153FBGA 11x10
8GB
THGBMHG6C1LBAIL
15nm
JEDEC 5.1
-25°C to 85°C
153FBGA 11.5x13
THGBMHG6C1LBAWL
15nm
JEDEC 5.1
-40°C to 85°C
153FBGA 11.5x13
16GB
THGBMHG7C1LBAIL
15nm
JEDEC 5.1
-25°C to 85°C
153FBGA 11.5x13
THGBMHG7C2LBAWR
15nm
JEDEC 5.1
-40°C to 85°C
153FBGA 11.5x13
32GB
THGBMHG8C2LBAIL
15nm
JEDEC 5.1
-25°C to 85°C
153FBGA 11.5x13
THGBMHG8C4LBAWR
15nm
JEDEC 5.1
-40°C to 85°C
153FBGA 11.5x13
64GB
THGBMHG9C4LBAIR
15nm
JEDEC 5.1
-25°C to 85°C
153FBGA 11.5x13
THGBMHG9C8LBAWG
15nm
JEDEC 5.1
-40°C to 85°C
153FBGA 11.5x13
128GB
THGBMHT0C8LBAIG
15nm
JEDEC 5.1
-25°C to 85°C
153FBGA 11.5x13
To support your ·MMC design, Toshiba offers a design guideline and a design check sheet The design
guideline highlights some of the key topics to be considered when selecting and utilizing a Toshiba ·MMC. The
design check sheet can be used to give more detailed information about the individual usage scenario for the
·MMC. Both files are available at your local Toshiba representative or
qualified distributor.
Toshiba
·MMC products support the JEDEC compliant “Enhanced User Data Area
also called
“pseudo-SLC ” or applications requiring the memory to perform with higher write/erase cycles than MLC
NAND can offer, the ·MMC provides the option to build a partition which offers “pseudo-SLC“ performance.
In 1984, Toshiba developed a new type of semiconductor memory called flash memory, leading the industry into
the next generation ahead of its competitors. Some time later in 1987, NAND flash memory was developed, and
this has since been used in a variety of memory cards and electronic equipment. The NAND flash market has
grown rapidly, with flash memory becoming an internationally standardized memory device.
the inventor of
flash memory,
has carved out a path to a new era in which we are all able to carry videos, music and data
with us wherever we go.
oshiba offers
16GB and 32GB
demand. Please contact your Toshiba representative or qualified distributor for
information.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com