Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4276 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4276
Description  Auxiliary Power Support as Low as 9V
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4276 Datasheet(HTML) 2 Page - Linear Technology

  LTC4276 Datasheet HTML 1Page - Linear Technology LTC4276 Datasheet HTML 2Page - Linear Technology LTC4276 Datasheet HTML 3Page - Linear Technology LTC4276 Datasheet HTML 4Page - Linear Technology LTC4276 Datasheet HTML 5Page - Linear Technology LTC4276 Datasheet HTML 6Page - Linear Technology LTC4276 Datasheet HTML 7Page - Linear Technology LTC4276 Datasheet HTML 8Page - Linear Technology LTC4276 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LT4276
2
4276fa
For more information www.linear.com/LT4276
pin conFiguraTion
absoluTe MaxiMuM raTings
VPORT, HSSRC, VIN Voltages .....................–0.3 to 100V
HSGATE Current.................................................. ±20mA
VCC Voltage.................................................... –0.3 to 8V
RCLASS, RCLASS++
Voltages.................................–0.3 to 8V (and ≤ VPORT)
SFST, FFSDLY, ITHB, T2P Voltages ......–0.3 to VCC+0.3V
ISEN+, ISEN– Voltages...........................................±0.3V
FB31 Voltage..................................................+12V/–30V
RCLASS/RCLASS++ Current .............................. –50mA
AUX Current........................................................ ±1.4mA
ROSC Current ..................................................... ±100µA
RLDCMP Current ................................................±500µA
T2P Current.........................................................–2.5mA
Operating Junction Temperature Range (Note 3)
LT4276AI/LT4276BI/LT4276CI..............–40°C to 85°C
LT4276AH/LT4276BH/LT4276CH ....... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
(Notes 1, 2)
9 10
TOP VIEW
UFD PACKAGE
28-LEAD (4mm
× 5mm) PLASTIC QFN
11 12 13
28 27 26 25 24
14
23
6
5
4
3
2
1
GND
AUX
RCLASS++/NC*
RCLASS
T2P/NC**
VCC
VCC
VCC
DNC
VCC
PG
GND
SG
ISEN+
ISEN–
RLDCMP
7
17
18
19
20
21
22
16
8
15
29
GND
TJMAX = 150°C, θJC = 3.4°C/W
EXPOSED PAD (PIN 29) IS GND, MUST BE SOLDERED TO PCB
*RCLASS++ is not connected in the LT4276B and LT4276C
**T2P is not connected in the LT4276C
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING* MAX PD POWER PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT4276AIUFD#PBF
LT4276AIUFD#TRPBF
4276A
90W
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 85°C
LT4276AHUFD#PBF
LT4276AHUFD#TRPBF
4276A
90W
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 125°C
LT4276BIUFD#PBF
LT4276BIUFD#TRPBF
4276B
25.5W
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 85°C
LT4276BHUFD#PBF
LT4276BHUFD#TRPBF
4276B
25.5W
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 125°C
LT4276CIUFD#PBF
LT4276CIUFD#TRPBF
4276C
13W
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 85°C
LT4276CHUFD#PBF
LT4276CHUFD#TRPBF
4276C
13W
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com