Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5910 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP5910
Description  LP5910 300-mA Low-Noise, Low-IQ LDO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5910 Datasheet(HTML) 4 Page - Texas Instruments

  LP5910 Datasheet HTML 1Page - Texas Instruments LP5910 Datasheet HTML 2Page - Texas Instruments LP5910 Datasheet HTML 3Page - Texas Instruments LP5910 Datasheet HTML 4Page - Texas Instruments LP5910 Datasheet HTML 5Page - Texas Instruments LP5910 Datasheet HTML 6Page - Texas Instruments LP5910 Datasheet HTML 7Page - Texas Instruments LP5910 Datasheet HTML 8Page - Texas Instruments LP5910 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
4
LP5910
SNVSA91E – SEPTEMBER 2015 – REVISED JULY 2017
www.ti.com
Product Folder Links: LP5910
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to the GND pin.
(3)
Internal thermal shutdown circuitry protects the device from permanent damage.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Input voltage, VIN
–0.3
3.6
V
Output voltage, VOUT
–0.3
3.6
V
Enable input voltage, VEN
–0.3
3.6
V
Continuous power dissipation(3)
Internally Limited
W
Junction temperature, TJ(MAX)
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±250
(1)
The maximum ambient temperature, (TA(MAX)) is a recommended value only and can vary depending on device power dissipation and
RθJA. For reliable operation, the junction temperature (TJ) must be limited to a maximum of 125°C. Ambient temperature (TA), thermal
resistance (RθJA) , VIN, VOUT, and IOUT all define TJ : TJ = TA + (RθJA × ((VIN – VOUT) × IOUT).
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Input voltage, VIN
1.3
3.3
V
Output voltage, VOUT
0.8
2.3
V
Enable input voltage, VEN
0
3.3
V
Output current, IOUT
0
300
mA
Junction temperature, TJ
(1)
–40
125
°C
Ambient temperature, TA
(1)
–40
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
Thermal resistance value RθJA is based on the EIA/JEDEC High-K printed circuit board defined by: JESD51-7 - High Effective Thermal
Conductivity Test Board for Leaded Surface Mount Packages.
(3)
The PCB for the WSON/DRV package RθJA includes two (2) thermal vias under the exposed thermal pad per EIA/JEDEC JESD51-5.
6.4 Thermal Information
THERMAL METRIC(1)
LP5910
UNIT
YKA (DSBGA)
DRV (WSON)
4 PINS
6 PINS
RθJA
(2)
Junction-to-ambient thermal resistance, High-K
202.8
79.2(3)
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
3.3
110.2
RθJB
Junction-to-board thermal resistance
36.0
48.7
ψJT
Junction-to-top characterization parameter
0.4
5.2
ψJB
Junction-to-board characterization parameter
36.0
49.1
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
18.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com