Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMS6002D Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # LMS6002D
Description  Multi-band Multi-standard Transceiver with Integrated Dual DACs and ADCs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LMS6002D Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button LMS6002D Datasheet HTML 7Page - List of Unclassifed Manufacturers LMS6002D Datasheet HTML 8Page - List of Unclassifed Manufacturers LMS6002D Datasheet HTML 9Page - List of Unclassifed Manufacturers LMS6002D Datasheet HTML 10Page - List of Unclassifed Manufacturers LMS6002D Datasheet HTML 11Page - List of Unclassifed Manufacturers LMS6002D Datasheet HTML 12Page - List of Unclassifed Manufacturers LMS6002D Datasheet HTML 13Page - List of Unclassifed Manufacturers LMS6002D Datasheet HTML 14Page - List of Unclassifed Manufacturers LMS6002D Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
© Copyright Lime Microsystems
LMS6002D
13
Pin No
Pin Name
Type
Description
Note
1
PVDDAD33A
pads supply
ADCs/DACs IOs supply (3.3V)
Can be lowered down to 1.8V to support LV signalling
2
RXD11
out cmos
ADCs digital output, bit 11 (MSB)
Two's complement
3
RXD10
out cmos
ADCs digital output, bit 10
4
RXD9
out cmos
ADCs digital output, bit 9
5
RXD8
out cmos
ADCs digital output, bit 8
6
RXD7
out cmos
ADCs digital output, bit 7
7
PVDDVGG
esd supply
ADCs/DACs IOs ESD supply (3.3V)
8
RXD5
out cmos
ADCs digital output, bit 5
9
RXD6
out cmos
ADCs digital output, bit 6
10
RXD3
out cmos
ADCs digital output, bit 3
11
RXD4
out cmos
ADCs digital output, bit 4
12
PVDDAD33B
pads supply
ADCs/DACs IOs supply (3.3V)
Can be lowered down to 1.8V to support LV signalling
13
RXD2
out cmos
ADCs digital output, bit 2
14
RXD1
out cmos
ADCs digital output, bit 1
15
RXD0
out cmos
ADCs digital output, bit 0 (LSB)
16
RX_IQ_SEL
out cmos
RX digital interface IQ flag
17
RX_CLK
in cmos
RX digital interface clock
18
PVDDAD33C
pads supply
ADCs/DACs IOs supply (3.3V)
Can be lowered down to 1.8V to support LV signalling
19
TX_CLK
in cmos
TX digital interface clock
20
TX_IQ_SEL
in cmos
TX digital interface IQ flag
21
TXD0
in cmos
DACs digital input, bit 0 (LSB)
22
TXD1
in cmos
DACs digital input, bit 1
23
TXD2
in cmos
DACs digital input, bit 2
24
TXD3
in cmos
DACs digital input, bit 3
25
TXD4
in cmos
DACs digital input, bit 4
26
TXD5
in cmos
DACs digital input, bit 5
27
TXD6
in cmos
DACs digital input, bit 6
28
TXD7
in cmos
DACs digital input, bit 7
29
TXD8
in cmos
DACs digital input, bit 8
30
TXD9
in cmos
DACs digital input, bit 9
31
TXD10
in cmos
DACs digital input, bit 10
32
TXD11
in cmos
DACs digital input, bit 11 (MSB)
Two's complement
33
RDVDD18
digital supply
ADCs digital supply (1.8V)
34
PVDDAD33D
pads supply
ADCs/DACs pads supply (3.3V)
Can be lowered down to 1.8V to support LV signalling
35
RAVDD18
analogue supply
ADCs analogue supply (1.8V)
36
TDVDD18
digital supply
DACs digital supply (1.8V)
37
TAVDD33
analogue supply
DACs analogue supply (3.3V)
38
VREFAD
in/out
External capacitor for ADCs/DACs (>100nF)
39
XRESAD
in/out
External resistor for ADCs/DACs
40
RX_CLK_OUT
out cmos
Buffered RX_CLK (ADCs) clock, CMOS level
Can be used to align RXD[11:0] sampling clock in BB.
41
PLLCLKOUT
out cmos
Buffered PLLCLK (PLL reference) clock, CMOS level
Can be used as BB clock.
42
ATP
out
Analogue test point
43
TXVCCLPF33
analogue supply
TXLPF supply (3.3V)
44
TXOUT2N
out
TX output 2, negative
45
TXVCCMIX33
analogue supply
TXMIX supply (3.3V)
46
TXOUT2P
out
TX output 2, positive
47
TXPVDD33
esd supply
TX pads ESD supply (3.3V)
48
TXOUT1P
out
TX output 1, positive
49
TXVCCDRV33
analogue supply
TXVGA2 supply (3.3V)
50
TXOUT1N
out
TX output 1, negative
51
TXININ
in/out
TXDAC output / TXLPF input
52
TXINIP
in/out
TXDAC output / TXLPF input
53
UNUSED
Connect to ground
54
TXINQP
in/out
TXDAC output / TXLPF input
55
UNUSED
Connect to ground
56
TXINQN
in/out
TXDAC output / TXLPF input
57
TXVTUNE
in/out
TXPLL loop filter output
58
TXPVDDPLL33A
esd supply
TXPLL pads ESD supply (3.3V)
59
TXVCCVCO33
analogue supply
TXPLL 3.3V supply (3.3V)
60
TXVDDVCO18
analogue supply
TXPLL VCO supply (1.8V)
Table 12: Pin descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com