Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL43A107MQLNNN Datasheet(PDF) 8 Page - Samsung semiconductor

Part # CL43A107MQLNNN
Description  Wide temperature compensation and voltage range
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CL43A107MQLNNN Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button CL43A107MQLNNN Datasheet HTML 4Page - Samsung semiconductor CL43A107MQLNNN Datasheet HTML 5Page - Samsung semiconductor CL43A107MQLNNN Datasheet HTML 6Page - Samsung semiconductor CL43A107MQLNNN Datasheet HTML 7Page - Samsung semiconductor CL43A107MQLNNN Datasheet HTML 8Page - Samsung semiconductor CL43A107MQLNNN Datasheet HTML 9Page - Samsung semiconductor CL43A107MQLNNN Datasheet HTML 10Page - Samsung semiconductor CL43A107MQLNNN Datasheet HTML 11Page - Samsung semiconductor CL43A107MQLNNN Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Part Numbering
System
General
Capacitors
High Capacitance
Capacitors
Super Small Size
Capacitors
Medium-High
Voltage Capacitors
Array Type
Capacitors
Low ESL
Capacitors
Application Manual
for Surface Mounting
Packaging
Specification
Premium Capacitors
for Automotive
Applications
Reliability Test
Condition
12
13
Product Lineup (General Capacitors-C0G)
CL05C0R5CB5NNN
CL05CR75CB5NNN
CL05C010CB5NNN
CL05C1R2CB5NNN
CL05C1R5CB5NNN
CL05C1R8CB5NNN
CL05C020CB5NNN
CL05C2R2CB5NNN
CL05C2R4CB5NNN
CL05C2R5CB5NNN
CL05C2R7CB5NNN
CL05C030CB5NNN
CL05C3R3CB5NNN
CL05C3R5CB5NNN
CL05C3R6CB5NNN
CL05C3R9CB5NNN
CL05C040CB5NNN
CL05C4R3CB5NNN
CL05C4R7CB5NNN
CL05C050DB5NNN
CL05C5R6DB5NNN
CL05C060DB5NNN
CL05C6R2DB5NNN
CL05C6R8DB5NNN
CL05C070DB5NNN
CL05C080DB5NNN
CL05C8R2DB5NNN
CL05C090DB5NNN
CL05C9R1DB5NNN
CL05C100JB5NNN
CL05C110JB5NNN
CL05C120JB5NNN
CL05C130JB5NNN
CL05C150JB5NNN
CL05C160JB5NNN
CL05C180JB5NNN
CL05C200JB5NNN
CL05C220JA5NNN
CL05C220JB5NNN
CL05C240JB5NNN
CL05C270JB5NNN
CL05C270JA5NNN
CL05C300JB5NNN
CL05C330JB5NNN
CL05C360JB5NNN
CL05C390JB5NNN
CL05C430JB5NNN
CL05C470JB5NNN
CL05C510JB5NNN
CL05C560JB5NNN
0.5pF
0.75pF
1.0pF
1.2pF
1.5pF
1.8pF
2.0pF
2.2pF
2.4pF
2.5pF
2.7pF
3.0pF
3.3pF
3.5pF
3.6pF
3.9pF
4.0pF
4.3pF
4.7pF
5.0pF
5.6pF
6.0pF
6.2pF
6.8pF
7.0pF
8.0pF
8.2pF
9.0pF
9.1pF
10pF
11pF
12pF
13pF
15pF
16pF
18pF
20pF
22pF
22pF
24pF
27pF
27pF
30pF
33pF
36pF
39pF
43pF
47pF
51pF
56pF
±0.25pF
±0.25pF
±0.25pF
±0.25pF
±0.25pF
±0.25pF
±0.25pF
±0.25pF
±0.25pF
±0.25pF
±0.25pF
±0.25pF
±0.25pF
±0.25pF
±0.25pF
±0.25pF
±0.25pF
±0.25pF
±0.25pF
±0.5pF
±0.5pF
±0.5pF
±0.5pF
±0.5pF
±0.5pF
±0.5pF
±0.5pF
±0.5pF
±0.5pF
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
25
50
50
50
25
50
50
50
50
50
50
50
50
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
0.55
Part Number
Thickness
Max. (mm)
Rated
Voltage
(Vdc)
Capacitance
Tolerance
Capacitance
Size L
×W
(mm)
1.00
×0.50
※ mark means packaging code. If you want to learn the code or quantity in detail, please see p80.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com