Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNP-V20 Datasheet(PDF) 2 Page - Skynet Electronic Copyright

Part # SNP-V20
Description  Medical & ITE General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-V20 Datasheet(HTML) 2 Page - Skynet Electronic Copyright

  SNP-V20 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-V20 Datasheet HTML 2Page - Skynet Electronic Copyright SNP-V20 Datasheet HTML 3Page - Skynet Electronic Copyright SNP-V20 Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
** This data sheet is only for models selection. For business, engineering specification by model must be used.
4-2
JUL. 2017
-Jim-
Rated
200W
Max.
300W
Peak
360W
SNP-V20 Series
Medical & ITE
General Purpose
Output Specifications:
Note:
1. Output Load:
200W for convection cooling; 300W for forced air cooling.
2. Peak Load Duration:
Peak 360W can last for 5 sec.
3. Isolation Grade:
Primary
Ground
: 1MOPP (1500Vac)
Primary
Secondary : 2MOPP (4000Vac)
Secondary
Ground
: 1MOPP (1500Vac)
4. Leakage Current:
Earth leakage current < 300uA
Touch current < 100uA
5. EMI Grounding:
The EMI grounding holes should be connected to chassis ground.
←
→
←
→
←
→
SNP-V207
+12V
0A 16.6A 25A 30A
+11.9V~+12.1V
83%
89%
90%
87.3%
SNP-V209
+24V
0A
8.3A 12.5A 15A
+23.9V~+24.1V
83%
89%
90%
87.3%
MODEL
OUTPUT
LOAD
INITIAL
STEP EFFICIENCY
AVERAGE
NO.
RAIL
MIN. RATED MAX.
PEAK
ACCURACY
@ 20% LOAD @ 50% LOAD @ 100% LOAD EFFICIENCY



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com