Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCP223 Datasheet(PDF) 3 Page - TT Electronics.

Part # TCP223
Description  1 KEY TOUCH PAD DETECTOR IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

TCP223 Datasheet(HTML) 3 Page - TT Electronics.

  TCP223 Datasheet HTML 1Page - TT Electronics. TCP223 Datasheet HTML 2Page - TT Electronics. TCP223 Datasheet HTML 3Page - TT Electronics. TCP223 Datasheet HTML 4Page - TT Electronics. TCP223 Datasheet HTML 5Page - TT Electronics. TCP223 Datasheet HTML 6Page - TT Electronics. TCP223 Datasheet HTML 7Page - TT Electronics. TCP223 Datasheet HTML 8Page - TT Electronics. TCP223 Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Preliminary
TTP223
08’/04/07
Page 3 of 11
Ver :1.0
ELECTRICAL CHARACTERISTICS
‧
Absolute Maximum Ratings
‧
DC/AC Characteristics:(Test condition at room temperature=25℃)
Parameter
Symbol
Conditions
Value
Unit
Operating Temperature
TOP
─
-20 ~ +70
℃
Storage Temperature
TSTG
─
-50 ~ +125
℃
Power Supply Voltage
VDD
Ta=25
°C
VSS-0.3 ~ VSS+5.5
V
Input Voltage
VIN
Ta=25
°C
VSS-0.3 ~ VDD+0.3
V
Note:VSS symbolizes for system ground
Parameter
Symbol
Test Condition
Min. Typ. Max. Unit
Operating Voltage
VDD
2.0
3
5.5
V
FFAST
-
512K
-
System oscillator
FLOW
VDD=3V
16K
Hz
Sensor oscillator
FSEN
VDD=3V no load
-
1M
-
Hz
SLRFTB
=1
-
1.5
3.0
VDD=3V
at low power mode
and output no load SLRFTB
=0
-
2.0
4.0
SLRFTB
=1
-
3.5
7.0
Operating Current
IOP
VDD=3V
at fast mode
and output no load SLRFTB
=0
6.5
13.0
uA
Input Ports
VIL
Input Low Voltage
0
-
0.2 VDD
Input Ports
VIH
Input High Voltage
0.8
-
1.0 VDD
Output Port Sink Current
IOL
VDD=3V, VOL=0.6V
-
8
-
mA
Output Port Source Current
IOH
VDD=3V, VOH=2.4V
-
-4
-
mA
VDD=3V, At fast mode
60
Output Response Time
TR
VDD=3V, At low power mode
220
mS
Input Pin Pull-high Resistor
RPH
VDD=3V,
(LPMB, MOTB, SLRFTB)
35K
ohm
VDD=3V,
(TOG, AHLB)
28K
Input Pin Pull-low Resistor
RPL
VDD=3V,
(RST)
200K
ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com