Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS7000 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDS7000
Description  Dual Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDS7000 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDS7000 Datasheet HTML 1Page - First Silicon Co., Ltd FDS7000 Datasheet HTML 2Page - First Silicon Co., Ltd FDS7000 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MAXIMUM RATINGS(EACH DIODE)
Rating
Symbol
Va l u e
Unit
Reverse Voltage
V R
100
Vdc
Forward Current
I F
200
mAdc
Peak Forward Surge Current
I
FM(surge)
500
mAdc
THERMALCHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board (1)
P D
225
mW
T A = 25°C
Derate above 25°C
1.8
mW/°C
Thermal Resistance, Junction to Ambient
R θJA
556
°C/W
Total Device Dissipation
P D
300
mW
Alumina Substrate, (2) T A = 25°C
Derate above 25°C
2.4
mW/°C
Thermal Resistance, Junction to Ambient
R θJA
417
°C/W
Junction and Storage Temperature
T J , T stg
–55 to +150
°C
DEVICEMARKING
FDS7000 = M5C
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted)(EACH DIODE)
Characteristic
Symbol
Min
Max
Unit
OFFCHARACTERISTICS
Reverse Breakdown Voltage
V (BR)
100
Vdc
(I (BR) = 100 µAdc)
Reverse Voltage Leakage Current
µAdc
(V R = 50 Vdc)
I R
1.0
(V R = 100 Vdc)
I R2
3.0
(V R = 50 Vdc,125°C)
I R3
100
Forward Voltage
V F
Vdc
(I F = 1.0 mAdc)
0.55
0.7
(I F = 10 mAdc)
0.67
0.82
(I F = 100 mAdc)
0.75
1.1
Reverse Recovery Time
t rr
4.0
ns
(I F = I R = 10 mAdc) (Figure 1)
Capacitance(VR=0V)
C
1.5
pF
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
Dual Switching Diode
3
CATHODE/ANODE
1
ANODE
2
CATHODE
Device
Package
Shipping
FDS7000
SOT–23
3000/Tape & Reel
ORDERING INFORMATION
FETURE
We declare that the material of product
compliance with RoHS requirements.
SEMICONDUCTOR
TECHNICAL DATA
FDS7000
2010. 09. 27
1/3
Revision No : 0
SOT –23
1
3
2


Similar Part No. - FDS7000

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS7060N7 FAIRCHILD-FDS7060N7 Datasheet
213Kb / 7P
30V N-Channel PowerTrench MOSFET
FDS7064A FAIRCHILD-FDS7064A Datasheet
79Kb / 4P
30V N-Channel PowerTrench MOSFET
FDS7064N FAIRCHILD-FDS7064N Datasheet
171Kb / 6P
30V N-Channel PowerTrench MOSFET
FDS7064N7 FAIRCHILD-FDS7064N7 Datasheet
175Kb / 6P
30V N-Channel PowerTrench MOSFET
FDS7064SN3 FAIRCHILD-FDS7064SN3 Datasheet
195Kb / 7P
30V N-Channel PowerTrench SyncFET
More results

Similar Description - FDS7000

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBD7000LT1 MOTOROLA-MMBD7000LT1 Datasheet
77Kb / 4P
Dual Switching Diode
logo
ON Semiconductor
MMBD7000LT1 ONSEMI-MMBD7000LT1 Datasheet
77Kb / 4P
Dual Switching Diode
November, 2001 ??Rev. 2
logo
Zowie Technology Corpor...
MMBD7000 ZOWIE-MMBD7000 Datasheet
49Kb / 2P
DUAL SWITCHING DIODE
logo
Leshan Radio Company
LMBD7000WT1G LRC-LMBD7000WT1G Datasheet
118Kb / 3P
Dual Switching Diode
logo
WILLAS ELECTRONIC CORP
MMBD7000W WILLAS-MMBD7000W Datasheet
336Kb / 3P
Dual Switching Diode
logo
Central Semiconductor C...
CPD30V CENTRAL-CPD30V Datasheet
479Kb / 2P
Dual Switching Diode
logo
CHENG-YI ELECTRONIC CO....
BAV99 CHENG-YI-BAV99 Datasheet
86Kb / 3P
DUAL SWITCHING DIODE
logo
ON Semiconductor
BAW56TT1G ONSEMI-BAW56TT1G_16 Datasheet
65Kb / 4P
Dual Switching Diode
April, 2016 ??Rev. 5
logo
Shanghai Leiditech Elec...
LMBD7000LT1G LEIDITECH-LMBD7000LT1G Datasheet
681Kb / 4P
Dual Switching Diode
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com