Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDZ2.4SOD723 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FDZ2.4SOD723
Description  ZENER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDZ2.4SOD723 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FDZ2.4SOD723 Datasheet HTML 1Page - First Silicon Co., Ltd FDZ2.4SOD723 Datasheet HTML 2Page - First Silicon Co., Ltd FDZ2.4SOD723 Datasheet HTML 3Page - First Silicon Co., Ltd FDZ2.4SOD723 Datasheet HTML 4Page - First Silicon Co., Ltd FDZ2.4SOD723 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2016. 4. 23
4/5
Revision No : 0
FDZ2.4SOD723 ~ FDZ39SOD723
SOD-723 Package Outline Dimensions
SOD-723 Suggested Pad Layout
A
0.525
0.650
0.021
0.026
A1
0.515
0.580
0.020
0.023
b
0.250
0.350
0.010
0.014
c
0.080
0.150
0.003
0.006
D
0.550
0.650
0.022
0.026
E
0.900
1.100
0.035
0.043
E1
1.300
1.500
0.051
0.059
E2
L
0.010
0.070
0.001
0.003
° REF
7° REF
0.200 REF
0.008 REF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com