Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFB3904D Datasheet(PDF) 7 Page - First Silicon Co., Ltd

Part # FFB3904D
Description  Dual General Purpose Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FFB3904D Datasheet(HTML) 7 Page - First Silicon Co., Ltd

  FFB3904D Datasheet HTML 1Page - First Silicon Co., Ltd FFB3904D Datasheet HTML 2Page - First Silicon Co., Ltd FFB3904D Datasheet HTML 3Page - First Silicon Co., Ltd FFB3904D Datasheet HTML 4Page - First Silicon Co., Ltd FFB3904D Datasheet HTML 5Page - First Silicon Co., Ltd FFB3904D Datasheet HTML 6Page - First Silicon Co., Ltd FFB3904D Datasheet HTML 7Page - First Silicon Co., Ltd FFB3904D Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
0.071
0.087
1.80
2.20
B
0.045
0.053
1.15
1.35
C
0.031
0.043
0.80
1.10
D
0.004
0.012
0.10
0.30
G
0.026 BSC
0.65 BSC
H
---
0.004
---
0.10
J
0.004
0.010
0.10
0.25
K
0.004
0.012
0.10
0.30
N
0.008 REF
0.20 REF
S
0.079
0.087
2.00
2.20
PIN 1 EMITTER 2
2 BASE2
3 COLLECTOR 1
4 EMITTER 1
5 BASE1
6 COLLECTOR 2
B
0.2 (0.008)
A
G
S
H
C
N
J
K
D6PL
6
5
4
1
2
3
- B-
M
M
0.5 mm (min)
1.9 mm
SC-88/SOT -363
2008. 03. 10
7/8
FFB3904D
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com