Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMT491 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FMMT491
Description  TRANSISTOR (NPN)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FMMT491 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FMMT491 Datasheet HTML 1Page - First Silicon Co., Ltd FMMT491 Datasheet HTML 2Page - First Silicon Co., Ltd FMMT491 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
COLLECTOR
3
1
BASE
2
EMITTER
SEMICONDUCTOR
TECHNICAL DATA
FMMT491
2015.02. 06
1/3
Revision No : 0
SOT–23
1
3
2
FMMT491
TRANSISTOR (NPN)
FEATURES
Low equivalent on-resistance
Marking :491
ICM
Peak Pulse Current
2
A
MAXIMUM RATINGS (Ta=25
unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
80
V
VCEO
Collector-Emitter Voltage
60
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current
1
A
PC
Collector Power Dissipation
250
mW
RΘJA
Thermal Resistance From Junction To Ambient
500
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
ELECTRICAL CHARACTERISTICS (Ta=25
unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=100
μA,IE
0
8
0
=
V
Collector-emitter breakdown voltage
V(BR)CEO
1
IC=10mA,IB
0
6
0
=
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100
μA,IC
5
0
=
V
Collector cut-off current
ICBO
VCB=60V,IE 0
=
0.1
μA
Emitter cut-off current
IEBO
VEB=4V,IC 0
=
0.1
μA
hFE(1)
VCE=5V,IC=1mA
100
hFE(2)
1
VCE=5V,IC=500mA
100
300
hFE(3)
1
VCE=5V,IC=1A
80
DC current gain
hFE(4)
1
VCE=5V,IC=2A
30
VCE(sat)1
1
IC=500mA,IB=50mA
0.25
V
Collector-emitter saturation voltage
VCE(sat)2
1
IC=1A,IB
A
m
0
0
1
=
0.5
V
Base-emitter saturation voltage
VBE(sat)
1
IC=1A,IB
A
m
0
0
1
=
1.1
V
Base-emitter voltage
VBE
1
VCE=5V,IC
A
1
=
1
V
Transition frequency
fT
VCE=10V,IC=50mA,,f=100MHz
150
MHz
Collector output capacitance
Cob
VCB
z
H
M
1
=
f
,
V
0
1
=
10
pF
1Measured under pulsed conditions, Pulse width=300
μs, Duty cycle≤2%.


Similar Part No. - FMMT491

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT491 ZETEX-FMMT491 Datasheet
129Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Galaxy Semi-Conductor H...
FMMT491 BILIN-FMMT491 Datasheet
301Kb / 4P
NPN Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
FMMT491 KEXIN-FMMT491 Datasheet
35Kb / 1P
Medium Power Transistor
logo
Rectron Semiconductor
FMMT491 RECTRON-FMMT491 Datasheet
318Kb / 3P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
logo
Diodes Incorporated
FMMT491 DIODES-FMMT491 Datasheet
324Kb / 8P
Medium power NPN transistor in SOT23
November 2007
More results

Similar Description - FMMT491

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com