Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDZS10 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FDZS10
Description  Zener Voltage Regalators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDZS10 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FDZS10 Datasheet HTML 1Page - First Silicon Co., Ltd FDZS10 Datasheet HTML 2Page - First Silicon Co., Ltd FDZS10 Datasheet HTML 3Page - First Silicon Co., Ltd FDZS10 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2009. 05. 08
2/4
Revision No : 0
FDZS2.4 ~ FDZS75
ELECTRICAL CHARACTERISTICS − BZX84CxxxLT1 SERIES (STANDARD TOLERANCE)
(Pinout: 1-Anode, 2-No Connection, 3-Cathode) (TA = 25°C unless otherwise noted, VF = 0.90 V Max. @ IF = 10 mA)
Device*
Device
Marking
VZ1 (Volts)
@ IZT1 = 5 mA
(Note 3)
ZZT1
( )
@ IZT1 =
5 mA
VZ2 (V)
@ IZT2 = 1 mA
(Note 3)
ZZT2
( )
@ IZT2 =
1 mA
VZ3 (V)
@ IZT3 = 20 mA
(Note 3)
ZZT3
( )
@ IZT3 =
20 mA
Max Reverse
Leakage
Current
V
Z
(mV/k)
@ IZT1 = 5 mA
C (pF)
@ VR = 0
f = 1 MHz
Min
Nom
Max
Min
Max
Min
Max
VR
Volts
IR
A
@
Min
Max
FDZS2.4
Z11
2 2
2.4
2.6
100
1.7
2.1
600
2.6
3.2
50
50
1
−3 5
0
450
Z12
2 5
2.7
2.9
100
1.9
2.4
600
3
3.6
50
20
1
−3 5
0
450
Z13
2 8
3
3.2
95
2.1
2.7
600
3.3
3.9
50
10
1
−3 5
0
450
Z14
3.1
3.3
3.5
95
2.3
2.9
600
3.6
4.2
40
5
1
−3 5
0
450
Z15
3.4
3.6
3.8
90
2.7
3.3
600
3.9
4.5
40
5
1
−3 5
0
450
Z16
3.7
3.9
4.1
90
2.9
3.5
600
4.1
4.7
30
3
1
−3 5
−2 5
450
W9
4
4.3
4.6
90
3.3
4
600
4.4
5.1
30
3
1
−3 5
0
450
Z1
4.4
4.7
5
80
3.7
4.7
500
4.5
5.4
15
3
2
−3.5
0.2
260
Z2
4.8
5.1
5.4
60
4.2
5.3
480
5
5.9
15
2
2
−2.7
1.2
225
Z3
5.2
5.6
6
40
4.8
6
400
5.2
6.3
10
1
2
−2.0
2.5
200
Z4
5.8
6.2
6.6
10
5.6
6.6
150
5.8
6.8
6
3
4
0.4
3.7
185
Z5
6.4
6.8
7.2
15
6.3
7.2
80
6.4
7.4
6
2
4
1 2
4 5
155
Z6
7
7.5
7.9
15
6.9
7.9
80
7
8
6
1
5
2 5
5 3
140
Z7
7.7
8.2
8.7
15
7.6
8.7
80
7.7
8.8
6
0.7
5
3 2
6 2
135
Z8
8 5
9.1
9.6
15
8.4
9.6
100
8.5
9.7
8
0.5
6
3 8
7 0
130
Z9
9.4
10
10 6
20
9.3
10.6
150
9.4
10.7
10
0.2
7
4 5
8 0
130
Y1
10.4
11
11.6
20
10 2
11.6
150
10.4
11.8
10
0.1
8
5.4
9 0
130
Y2
11.4
12
12.7
25
11.2
12.7
150
11.4
12.9
10
0.1
8
6.0
10.0
130
Y3
12.4
13
14.1
30
12 3
14
170
12.5
14 2
15
0.1
8
7 0
11.0
120
Y4
13.8
15
15 6
30
13.7
15.5
200
13.9
15.7
20
0 05
10.5
9 2
13.0
110
Y5
15.3
16
17.1
40
15 2
17
200
15.4
17 2
20
0 05
11.2
10.4
14.0
105
Y6
16.8
18
19.1
45
16.7
19
225
16.9
19.2
20
0.05
12.6
12.4
16.0
100
Y7
18.8
20
21 2
55
18.7
21.1
225
18.9
21.4
20
0 05
14
14.4
18.0
85
Y8
20.8
22
23 3
55
20.7
23.2
250
20.9
23.4
25
0 05
15.4
16.4
20.0
85
Y9
22.8
24
25 6
70
22.7
25.5
250
22.9
25.7
25
0 05
16.8
18.4
22.0
80
Device
Device
Marking
VZ1 Below
@ IZT1 = 2 mA
ZZT1
Below
@ IZT1 =
2 mA
VZ2 Below
@ IZT2 = 0.1 m-
A
ZZT2
Below
@ IZT4 =
0.5 mA
VZ3 Below
@ IZT3 = 10 mA
ZZT3
Below
@ IZT3 =
10 mA
Max Reverse
Leakage
Current
V
Z
(mV/k)
Below
@ IZT1 = 2 mA
C (pF)
@ VR = 0
f = 1 MHz
Min
Nom
Max
Min
Max
Min
Max
VR
(V)
IR
A
@
Min
Max
Y10
25.1
27
28 9
80
25
28.9
300
25.2
29 3
45
0 05
18.9
21.4
25.3
70
Y11
28
30
32
80
27 8
32
300
28.1
32.4
50
0 05
21
24.4
29.4
70
Y12
31
33
35
80
30 8
35
325
31.1
35.4
55
0 05
23.1
27.4
33.4
70
Y13
34
36
38
90
33 8
38
350
34.1
38.4
60
0 05
25.2
30.4
37.4
70
Y14
37
39
41
130
36.7
41
350
37.1
41 5
70
0 05
27.3
33.4
41.2
45
Y15
40
43
46
150
39.7
46
375
40.1
46 5
80
0 05
30.1
37.6
46.6
40
Y16
44
47
50
170
43.7
50
375
44.1
50 5
90
0 05
32.9
42.0
51.8
40
Y17
48
51
54
180
47 6
54
400
48.1
54 6
100
0 05
35.7
46.6
57.2
40
Y18
52
56
60
200
51 5
60
425
52.1
60 8
110
0 05
39.2
52.2
63.8
40
Y19
58
62
66
215
57.4
66
450
58.2
67
120
0 05
43.4
58.8
71.6
35
Y20
64
68
72
240
63.4
72
475
64.2
73 2
130
0 05
47.6
65.6
79.8
35
Y21
70
75
79
255
69.4
79
500
70.3
80 2
140
0 05
52.5
73.4
88.6
35
Zener voltage is measured with a pulse test current I Z at an ambient temperature of 25°C.
FDZS2.7
FDZS3.0
FDZS3 3
FDZS3.6
FDZS3 9
FDZS4 3
FDZS4.7
FDZS5.1
FDZS5 6
FDZS6 2
FDZS6.8
FDZS7 5
FDZS8 2
FDZS9.1
FDZS10
FDZS11
FDZS12
FDZS13
FDZS15
FDZS16
FDZS18
FDZS20
FDZS22
FDZS24
FDZS27
FDZS30
FDZS33
FDZS36
FDZS39
FDZS43
FDZS47
FDZS51
FDZS56
FDZS62
FDZS68
FDZS75



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com