Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDZS24 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FDZS24
Description  Zener Voltage Regalators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDZS24 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FDZS24 Datasheet HTML 1Page - First Silicon Co., Ltd FDZS24 Datasheet HTML 2Page - First Silicon Co., Ltd FDZS24 Datasheet HTML 3Page - First Silicon Co., Ltd FDZS24 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2009. 05. 08
3/4
Revision No : 0
FDZS2.4 ~ FDZS75
TYPICAL CHARACTERISICS
1000
100
10
1
0
0
1
0
1
1
1000
100
10
1
0.1
0 01
0 001
0 0001
0 00001
0
10
20
30
40
50
60
70
80
90
100
10
1
0.1
0
0
2
4
6
8
10
12
10
30
50
70
90
100
10
1
0.1
0.01
BIAS AT
50% OF V Z NOM
V Z , NOMINAL ZENER VOLTAGE (V)
Figure 5. Typical Capacitance
V Z , NOMINAL ZENER VOLTAGE (V)
Figure 6. Typical Leakage Current
V Z , ZENER VOLTAGE (V)
Figure 7. Zener Voltage versus Zener Current
(V Z Up to 12 V)
V Z , ZENER VOLTAGE (V)
Figure 8. Zener Voltage versus Zener Current
(12 V to 91 V)
T
A = 25°C
0 V BIAS
1 V BIAS
T A = 25°C
T A = 25°C
+150°C
+25°C
–55°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com