Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDZ2.7SOD723 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FDZ2.7SOD723
Description  ZENER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDZ2.7SOD723 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FDZ2.7SOD723 Datasheet HTML 1Page - First Silicon Co., Ltd FDZ2.7SOD723 Datasheet HTML 2Page - First Silicon Co., Ltd FDZ2.7SOD723 Datasheet HTML 3Page - First Silicon Co., Ltd FDZ2.7SOD723 Datasheet HTML 4Page - First Silicon Co., Ltd FDZ2.7SOD723 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2016. 4. 23
3/5
Revision No : 0
FDZ2.4SOD723 ~ FDZ39SOD723
Typical Characteristics
4
6
8
10
12
14
16
18
20
22
1
10
100
4
6
8
10
12
14
16
18
20
22
1
10
100
1000
4
6
8
10
12
14
16
18
20
22
0
5
10
15
20
0
25
50
75
100
125
150
0
25
50
75
100
125
4
6
8
10
12
14
16
18
20
22
1
10
100
1000
4
6
8
10
12
14
16
18
20
22
1E-4
1E-3
0.01
0.1
P
D =100mW
T
a =25
℃
Pulsed
0.5
Zener Characteristics V
Z 5.1V to 20 V
V
Z, ZENER VOLTAGE (V)
T
a=25
℃
f=1MHz
BIAS AT
50% OF V
Z NOM
1V BIAS
0V BIAS
Typical Capacitance
V
Z, NOMINAL ZENER VOLTAGE (V)
V
Z @ IZT
TYPICAL T
a VALUES
FOR BZX784BXXX SERIES
Temperature Coefficients
V
Z, NOMINAL ZENER VOLTAGE (V)
Power Derating Curve
AMB ENT TEMPERATURE T
a
( )
℃
I
Z=5mA
Effect of Zener Voltage on Zener Impedance
I
Z=1mA
T
a=25
℃
I
Z(AC)=0.1IZ(DC)
f=1kHz
V
Z, NOMINAL ZENER VOLTAGE (V)
Pulsed
Typical Leakage Current
V
Z, NOM NAL ZENER VOLTAGE (V)
T
a=25
℃
T
a=100
℃
Zener voltage characteristics
0
10n
100n
1µ
10µ
100µ
1m
10m
100m
5
10
15
20
25
30
35
40
ZENER VOLTAGE VZ (V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com