| Electronic Components Datasheet Search |
|
USB2229 Datasheet(PDF) 15 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB2229 Datasheet(HTML) 15 Page - SMSC Corporation |
|
15 / 27 page ![]() 5th Generation Hi-Speed USB Flash Media & IrDA Controller with Integrated Card Power FETs Datasheet SMSC USB2229/USB2230 15 Revision 1.2 (02-21-05) DATASHEET SM Write Enable SM_nWE O8PU This pin is an active low write strobe signal for SM device. When using the internal FET, this pin has an internal weak pull-up resistor that is tied to the output of the internal Power FET. 08 If an external FET is used (Internal FET is disabled), then the internal pull-up is not available (external pull- ups must be used, and should be connected to the applicable Card Power Supply). SM Write Protect Switch SM_nWPS IPU A write-protect seal is detected, when this pin is low. This pin has an internally controlled weak pull-up resistor. SM Busy or Data Ready SM_nB/R I This pin is connected to the BSY/RDY pin of the SM device. An external pull-up resistor is required on this signal. The pull-up resistor must be pulled up to the same power source that powers the SM/NAND flash device. SM Chip Enable SM_nCE O8PU This pin is the active low chip enable signal to the SM device. When using the internal FET, this pin has an internal weak pull-up resistor that is tied to the output of the internal Power FET. 08 If an external FET is used (Internal FET is disabled), then the internal pull-up is not available (external pull- ups must be used, and should be connected to the applicable Card Power Supply). SM Card Detection SM_nCD IPU This is the card detection signal from SM device to indicate if the device is inserted. This pin has an internally controlled weak pull-up resistor. MEMORY STICK INTERFACE MS Bus State MS_BS O8 This pin is connected to the BS pin of the MS device. It is used to control the Bus States 0, 1, 2 and 3 (BS0, BS1, BS2 and BS3) of the MS device. MS System Data In/Out MS_SDIO/MS_ D0 I/O8PD This pin is a bi-directional data signal for the MS device. Most significant bit (MSB) of each byte is transmitted first by either MSC or MS device. The bi-directional data signal has an internal weak pull- down resistor. MS System Data In/Out MS_D[3:1] I/O8PD This pin is a bi-directional data signal for the MS device. The bi-directional data signals have internal weak pull- down resistors. Table 6.1 USB2229/USB2230 Pin Descriptions NAME SYMBOL BUFFER TYPE DESCRIPTION |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |