Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNP-A02C Datasheet(PDF) 1 Page - Skynet Electronic Copyright

Part # SNP-A02C
Description  Switching Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-A02C Datasheet(HTML) 1 Page - Skynet Electronic Copyright

  SNP-A02C Datasheet HTML 1Page - Skynet Electronic Copyright SNP-A02C Datasheet HTML 2Page - Skynet Electronic Copyright SNP-A02C Datasheet HTML 3Page - Skynet Electronic Copyright SNP-A02C Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Switching Adapter
** This data sheet is only for models selection. For business, engineering specification by model must be used.
NOV. 2016
4-1
-Jim-
Rated
20W
SNP-A02 Series
Mechanical Specifications:
Over load protection ........................................ auto recovery
Operating temperature ..................................... -20oC to 60oC
above 40oC, derate at 2.5% per degree
Cooling ..................................................... free air convection
Storage temperature ...................................... -20oC to +85oC
EMI ................................................................. FCC class "B"
CISPR22 level "B"
EMS ....................................... EN61000-4-2, -3, -4, -5,-6,-11
Safety ............................................... UL 60950-1, LPS(cUL)
TUV EN60950-1
Input voltage ......................................... 90 VAC to 264 VAC
Input frequency ............................................. 47 Hz to 63 Hz
Inrush current (cold start at 25oC) .............< 60A at 230VAC
Meet green mode ....................................< 0.5W (at no load)
Efficiency .............................. 70%~85% depends on models
Holdup time...................................................... 16 ms typical
at rated load and 115VAC
Over voltage protection ........................................... latch off
Short circuit protection .................................... auto recovery
General Specifications:
32.5
(1.28)
52.0
(2.05")
DRAWING NO.: SNP-A02X
96.0V (3.78")
or
C6
C8
Inlet
Features:
●
IEC320 C6 or C8 Input Socket
●
With ITE safety
●
Compatible to Class I / II safety & EMC
●
No load input power < 0.5W
Applications:
●
For industrial device.
●
For peak power required system.
Notes:
1. Size:
52 x 96 x 32.5 (mm)
2. Connectors:
AC input :
IEC 320 C8: SNP-A02x
C6: SNP-A02x-3 (* x: 6/C/7/8/9/T)
DC output : Power Jack
3. Box Color : Black
4. Packing:
Net weight: 170 g approx. / unit
Gross weight: 17.5 kg approx. / carton, 90 units / carton
Carton size (mm): 535 (L) x 489 (W) x 314 (H)
10 years Warranty (contact Skynet's Distributors for details)
52 x 96 x 32.5 (mm)


Similar Part No. - SNP-A02C

ManufacturerPart #DatasheetDescription
logo
Skynet Electronic Copyr...
SNP-A026-M SKYNET-SNP-A026-M Datasheet
320Kb / 4P
Medical Adapter
SNP-A026-M3 SKYNET-SNP-A026-M3 Datasheet
320Kb / 4P
Medical Adapter
SNP-A027-M SKYNET-SNP-A027-M Datasheet
320Kb / 4P
Medical Adapter
SNP-A027-M3 SKYNET-SNP-A027-M3 Datasheet
320Kb / 4P
Medical Adapter
SNP-A028-M SKYNET-SNP-A028-M Datasheet
320Kb / 4P
Medical Adapter
More results

Similar Description - SNP-A02C

ManufacturerPart #DatasheetDescription
logo
Skynet Electronic Copyr...
SNP-A12 SKYNET-SNP-A12 Datasheet
260Kb / 4P
Switching Adapter
SNP-A03 SKYNET-SNP-A03 Datasheet
352Kb / 4P
Switching Adapter
SNP-A04 SKYNET-SNP-A04 Datasheet
276Kb / 4P
Switching Adapter
SNP-A06 SKYNET-SNP-A06 Datasheet
360Kb / 4P
Switching Adapter
SNP-A08 SKYNET-SNP-A08 Datasheet
260Kb / 4P
Switching Adapter
SNP-A10 SKYNET-SNP-A10 Datasheet
287Kb / 4P
Switching Adapter
SNP-A15 SKYNET-SNP-A15 Datasheet
332Kb / 4P
Switching Adapter
SNP-A20 SKYNET-SNP-A20 Datasheet
503Kb / 4P
Switching Adapter
logo
CINCON ELECTRONICS Corp...
TRE15RD CINCON-TRE15RD Datasheet
445Kb / 2P
15W SWITCHING ADAPTER
TRE25RD CINCON-TRE25RD Datasheet
387Kb / 2P
25W SWITCHING ADAPTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com