Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNP-A08 Datasheet(PDF) 2 Page - Skynet Electronic Copyright

Part # SNP-A08
Description  Switching Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-A08 Datasheet(HTML) 2 Page - Skynet Electronic Copyright

  SNP-A08 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-A08 Datasheet HTML 2Page - Skynet Electronic Copyright SNP-A08 Datasheet HTML 3Page - Skynet Electronic Copyright SNP-A08 Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
** This data sheet is only for models selection. For business, engineering specification by model must be used.
4-2
NOV. 2016
Rated
80W
Peak
120W
SNP-A08 Series
-Jim-
Switching Adapter
Output Specifications:
Note:
1. At peak load, the output can last for 10 seconds without shut down.
2. At factory, in 60% rated load condition, each output is checked to be within voltage accuracy.
3. Line regulation is defined by changing ±10% of input voltage from nominal line at rated load.
4. Load regulation is defined by changing ±40% of measured output load from 60% rated load.
5. Ripple & noise is measured by using 20MHz bandwidth limited oscilloscope and terminated each output with a 0.47uF capacitor at rated load and nomi-
nal line.
6. Hold up time is measured from the end of the last charging pulse to the time which the main output drops down to low limit of main output at rated load
and nominal line.
7. Efficiency is measured at rated load, and nominal line.
8. Model Selection:
SNP-A08x is for Class II, ITE and Medical applications.
SNP-A08x-3 is for Class I, ITE and Medical applications.
SNP-A087
+12V
0A
6A
9A +11.40V~+12.60V 100mVpp ±0.5% ±3%
84%
SNP-A087-3
SNP-A088
+15V
0A
5A
7.5A +14.25V~+15.75V 100mVpp ±0.5% ±3%
85%
SNP-A088-3
SNP-A085
+18V
0A
4.5A
6.7A +17.10V~+18.90V 100mVpp ±0.5% ±3%
86%
SNP-A085-3
SNP-A089
+24V
0A
3.3A
5A +22.80V~+25.20V 100mVpp ±0.5% ±3%
87%
SNP-A089-3
SNP-A08T
+48V
0A 1.75A
2.5A +45.60V~+50.40V 200mVpp ±0.5% ±3%
89%
SNP-A08T-3
MODEL
OUTPUT
LOAD
VOLTAGE
RIPPLE LINE LOAD EFFICIENCY
NO.
RAIL
MIN. RATED MAX. PEAK
ACCURACY
NOISE
REG. REG.
TYPICAL



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com