Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNP-G047 Datasheet(PDF) 1 Page - Skynet Electronic Copyright

Part # SNP-G047
Description  General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-G047 Datasheet(HTML) 1 Page - Skynet Electronic Copyright

  SNP-G047 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-G047 Datasheet HTML 2Page - Skynet Electronic Copyright SNP-G047 Datasheet HTML 3Page - Skynet Electronic Copyright SNP-G047 Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Purpose
4-1
** This data sheet is only for models selection. For business, engineering specification by model must be used.
-Jim-
AUG. 2018
Rated
40W
Peak
56W
SNP-G04 Series
Input voltage ......................................... 90 VAC to 264 VAC
Input frequency ............................................. 47 Hz to 63 Hz
Inrush current ............................................ < 30A at 115VAC
(cold start at 25oC)
or < 60A at 230VAC
Efficiency .............................. 84%~86% depends on models
Hold up time .................................................... 18 ms typical
at rated load and 115VAC
Over load protection ........................................ auto recovery
Short circuit protection..................................... auto recovery
Notes:
1. Size:
2" x 3" x 0.91"
2. Mounting Hole:
44.5 x 69.9 (mm)
3. Connectors:
AC input: Molex 5277-02A or equivalent
DC output: Molex 5273-04A or equivalent
4. Output Pin assignment:
5. Packing:
Net weight: 88.5 g approx. / unit
Gross weight: 11.4 kg approx. / carton, 100 units / carton
Carton size (mm): 412 (L) x 382 (W) x 225 (H)
Over voltage protection ............................................ latch off
Operating temperature (open frame type) ....... -20oC to 70oC
derating: 2.5% / oC > 50oC
Cooling ............................................40W free air convection
Storage temperature ..................................... -40oC to +85oC
EMI ..........................................EN55022 "B", EN61000-3-3
Harmonics............................................ EN61000-3-2 class A
EMS..................................... EN61000-4-2,-3,-4,-5,-6,-8,-11
Safety ................................UL/CSA/IEC60950-1, 2nd edition
ANSI/AMMI/CSA/IEC60601-1, 3rd edition for SNP-G04x
ANSI/AMMI/CSA/IEC60601-1, 3.1 edition for SNP-G04x-M
Mechanical Specifications:
General Specifications:
Features:
1
2
3
4
Vo
Vo
GND GND
76.2 (3")
50.8
(2")
23.1 Max.
(0.91")
2" x 3" x 0.91"
●
Peak load (1.4 ~ 2 x rated current, Vo=rated for 5 sec)
●
Design for BF application
●
Convection cooling for Rated power
●
Built-in PFC and 12V output for fan, available for
G12x, G16x, and G20x
●
EMI class B
●
-20oC to +70oC operating temperature
Applications:
●
For peak load and surge load applications, such as mo-
tor drive, coffee machine, vending machine, gaming
machine, and other industrials.
●
For EMI class B application, such as home healthcare
device, and other medical devices.
10 years Warranty (contact Skynet's Distributors for details)


Similar Part No. - SNP-G047

ManufacturerPart #DatasheetDescription
logo
Skynet Electronic Copyr...
SNP-G12 SKYNET-SNP-G12 Datasheet
615Kb / 4P
Medical & ITE General Purpose
SNP-G125 SKYNET-SNP-G125 Datasheet
615Kb / 4P
Medical & ITE General Purpose
SNP-G125-A SKYNET-SNP-G125-A Datasheet
615Kb / 4P
Medical & ITE General Purpose
SNP-G125-M SKYNET-SNP-G125-M Datasheet
615Kb / 4P
Medical & ITE General Purpose
SNP-G125-MA SKYNET-SNP-G125-MA Datasheet
615Kb / 4P
Medical & ITE General Purpose
More results

Similar Description - SNP-G047

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NST3906DP6T5G ONSEMI-NST3906DP6T5G Datasheet
101Kb / 4P
Dual General Purpose Dual General Purpose
April, 2008 ??Rev. 0
logo
Kemet Corporation
F161YR155M100V KEMET-F161YR155M100V Datasheet
75Kb / 1P
General Purpose
logo
Guangdong Kexin Industr...
IMH2A KEXIN-IMH2A Datasheet
162Kb / 2P
General purpose
logo
Skynet Electronic Copyr...
SNP-Z20 SKYNET-SNP-Z20 Datasheet
326Kb / 4P
General Purpose
SNP-Z30 SKYNET-SNP-Z30 Datasheet
331Kb / 4P
General Purpose
SNP-C08 SKYNET-SNP-C08 Datasheet
317Kb / 4P
General Purpose
SNP-C15 SKYNET-SNP-C15 Datasheet
319Kb / 4P
General Purpose
SNP-F60 SKYNET-SNP-F60 Datasheet
355Kb / 4P
General Purpose
SNP-F80 SKYNET-SNP-F80 Datasheet
411Kb / 4P
General Purpose
logo
Motorola, Inc
2N4123 MOTOROLA-2N4123 Datasheet
165Kb / 6P
General Purpose
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com