Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3003305 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 3003305
Description  UK 6 N OG
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3003305 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  3003305 Datasheet HTML 1Page - PHOENIX CONTACT 3003305 Datasheet HTML 2Page - PHOENIX CONTACT 3003305 Datasheet HTML 3Page - PHOENIX CONTACT 3003305 Datasheet HTML 4Page - PHOENIX CONTACT 3003305 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UK 6 N OG Order No.: 3003305
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3003305
PHOENIX CONTACT Deutschland GmbH
Page 3 / 5
http://www.phoenixcontact.de
Feb 25, 2011
1201798
NS 35/15-2,3 UNPERF 2000MM DIN rail, material: Steel, unperforated, 2.3 mm thick, height 15
mm, width 35 mm, length: 2 m
1302215
TS-K
Separating plate, Length: 22 mm, Height: 22 mm, Color: gray
Bridges
0202154
EB 2- 8
Insertion bridge, Number of positions: 2, Color: gray
0202141
EB 3- 8
Insertion bridge, Number of positions: 3, Color: gray
0202138
EB 10- 8
Insertion bridge, Number of positions: 10, Color: gray
3029224
FB 2- 8-EX
Fixed bridge, Number of positions: 2, Color: aluminum
0202167
FB 3- 8
Fixed bridge, Number of positions: 3, Color: aluminum
0202183
FB 4- 8
Fixed bridge, Number of positions: 4, Color: aluminum
0202170
FB 10- 8
Fixed bridge, Number of positions: 10, Color: aluminum
3003185
FB 10- 8-EX
Fixed bridge, Number of positions: 10, Color: aluminum
0200020
FBI 2- 8
Fixed bridge, Number of positions: 2, Color: aluminum
0200059
FBI 3- 8
Fixed bridge, Number of positions: 3, Color: aluminum
0200046
FBI 4- 8
Fixed bridge, Number of positions: 4, Color: aluminum
0203263
FBI 10- 8
Fixed bridge, Number of positions: 10, Color: silver
1303337
IS-K 10
Bridge bar isolator, Color: gray
0301534
ISSBI 10- 8
Bridge bar isolator, Number of positions: 10, Color: silver
0200062
SB 2- 8/13 N
Switching jumper, Color: silver
Marking
1007235
SBS 8:UNBEDRUCKT
Marker cards for modular terminal blocks, color: white
1004128
WS 3- 8
Warning plate, with 2 plastic screws, across 3 terminal blocks,
pitch 8 mm
1004212
WS 4- 8
Warning plate, with 2 plastic screws, across 4 terminal blocks,
pitch 8 mm
1004416
WS 5- 8
Warning plate, with 2 plastic screws, across 5 terminal blocks,
pitch 8 mm
1050512
ZB 8:SO/CMS
Zack strip, 10-section, divisible, special printing, marking
according to customer requirements
Plug/Adapter
0311540
KSS 8
Short-circuit connector, Number of positions: 2, Color: black
0311647
PS-MT
Test plugs
0303299
PSB 4/7/6
Female test connector, Color: silver
0303406
PSBJ 4/15/6 BK
Female test connector, Color: black
0303354
PSBJ 4/15/6 BU
Female test connector, Color: blue
0303419
PSBJ 4/15/6 FARBLOS
Female test connector, Color: transparent



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com