Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSC12X3 Datasheet(PDF) 7 Page - Microchip Technology

Part # DSC12X3
Description  High Performance Differential MEMS Oscillators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC12X3 Datasheet(HTML) 7 Page - Microchip Technology

Back Button DSC12X3 Datasheet HTML 3Page - Microchip Technology DSC12X3 Datasheet HTML 4Page - Microchip Technology DSC12X3 Datasheet HTML 5Page - Microchip Technology DSC12X3 Datasheet HTML 6Page - Microchip Technology DSC12X3 Datasheet HTML 7Page - Microchip Technology DSC12X3 Datasheet HTML 8Page - Microchip Technology DSC12X3 Datasheet HTML 9Page - Microchip Technology DSC12X3 Datasheet HTML 10Page - Microchip Technology DSC12X3 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
 2019 Microchip Technology Inc.
DS20006011A-page 7
DSC12X2/3/4
3.0
TERMINATION SCHEME
FIGURE 3-1:
LVPECL Termination (DSC12x2).
In Figure 3-1, Thevenin termination for 3.3V operation. Values will differ for VDD = 2.5V.
FIGURE 3-2:
LVDS Termination (DSC12x3).
2
34
5
6
V
DD
0.1μF
V
DD
2
34
5
6
V
DD
0.1μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com