Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMD166 Datasheet(PDF) 2 Page - Custom MMIC Design Services, Inc.

Part # CMD166
Description  20-40 GHz Low Noise Driver Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD166 Datasheet(HTML) 2 Page - Custom MMIC Design Services, Inc.

  CMD166 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD166 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD166 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD166 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD166 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD166 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD166 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD166 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD166 Datasheet HTML 9Page - Custom MMIC Design Services, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
CMD166
20-40 GHz Low Noise Driver Amplifier
Parameter
Min
Typ
Max
Units
Vdd
1.0
4.0
4.5
V
Idd
75
mA
Electrical performance is measured at specific
test conditions. Electrical specifications are not
guaranteed over all recommended operating con-
ditions.
Absolute Maximum Ratings
Recommended Operating Conditions
Electrical Specifications, Vdd = 4.0 V, TA = 25
oC
Specifications
Parameter
Rating
Drain Voltage, Vdd
4.5 V
RF Input Power
+20 dBm
Channel Temperature, Tch
150 °C
Power Dissipation, Pdiss
340 mW
Thermal Resistance, Θ JC
192 °C/W
Operating Temperature
-55 to 85 °C
Storage Temperature
-55 to 150 °C
ver 1.4 0418
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Frequency Range
20 - 30
30 - 40
GHz
Gain
8
9.5
11
6.5
8
9.5
dB
Noise Figure
4.5
5.5
4.5
5.5
dB
Input Return Loss
11
10
dB
Output Return Loss
15
13
dB
Output P1dB
16
17.5
dBm
Supply Current
55
75
95
55
75
95
mA
Gain Temperature
Coefficient
0.012
0.012
dB/°C
Noise Figure Temperature
Coefficient
0.012
0.012
dB/°C
Output IP3
25
27
dBm
Exceeding any one or combination of the maximum ratings
may cause permanent damage to the device.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com